Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6204A592DL Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XC6204A592DL
Description  (Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6204A592DL Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XC6204A592DL Datasheet HTML 9Page - Torex Semiconductor XC6204A592DL Datasheet HTML 10Page - Torex Semiconductor XC6204A592DL Datasheet HTML 11Page - Torex Semiconductor XC6204A592DL Datasheet HTML 12Page - Torex Semiconductor XC6204A592DL Datasheet HTML 13Page - Torex Semiconductor XC6204A592DL Datasheet HTML 14Page - Torex Semiconductor XC6204A592DL Datasheet HTML 15Page - Torex Semiconductor XC6204A592DL Datasheet HTML 16Page - Torex Semiconductor XC6204A592DL Datasheet HTML 17Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
XC6204
Series
269
3
■Test Circuits
Circuit 1
VSS
CE
RL
VIN
VOUT
VSS
CE
VIN
VOUT
OPEN
VSS
CE
VIN
VOUT
VSS
CE
VIN
VOUT
1.0
µF
CIN=
(ceramic)
1.0
µF
CIN=
(ceramic)
{VOUT+1}VDC
VIN=
+1Vp-pAC
1.0
µF
CL=
(ceramic)
1.0
µF
CL=
IOUT=
10mA
IOUT=50mA
(ceramic)
1.0
µF
CL=
(ceramic)
V
V
A
A
A
V
V
∼
V
∼
F.F.T
Circuit 2
Circuit 3
Circuit 4
03S_04XC6204 02.9.12 2:57 PM ページ 269



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com