Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6204A592DL Datasheet(PDF) 10 Page - Torex Semiconductor

Part # XC6204A592DL
Description  (Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6204A592DL Datasheet(HTML) 10 Page - Torex Semiconductor

Back Button XC6204A592DL Datasheet HTML 6Page - Torex Semiconductor XC6204A592DL Datasheet HTML 7Page - Torex Semiconductor XC6204A592DL Datasheet HTML 8Page - Torex Semiconductor XC6204A592DL Datasheet HTML 9Page - Torex Semiconductor XC6204A592DL Datasheet HTML 10Page - Torex Semiconductor XC6204A592DL Datasheet HTML 11Page - Torex Semiconductor XC6204A592DL Datasheet HTML 12Page - Torex Semiconductor XC6204A592DL Datasheet HTML 13Page - Torex Semiconductor XC6204A592DL Datasheet HTML 14Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
XC6204 Series
266
3
Ta=25℃
Ta=25℃
E–0E–1E–2
-40℃
≤Topr≤85℃
-40℃
≤Topr≤85℃
Vdif1
Vdif1
Vdif1
Vdif2
Vdif2
Vdif2
Vdif2
Vdif1
MI N
M AX
TYP
MAX
TYP
MAX
TYP
MAX
TYP
MAX
3. 25
3. 185
3. 315
60
90
70
110
200
250
240
330
3. 30
3. 234
3. 366
60
90
70
110
200
250
240
330
3. 35
3. 283
3. 417
60
90
70
110
200
250
240
330
3. 40
3. 332
3. 468
60
90
70
110
200
250
240
330
3. 45
3. 381
3. 519
60
90
70
110
200
250
240
330
3. 50
3. 430
3. 570
60
90
70
110
200
250
240
330
3. 55
3. 479
3. 621
60
90
70
110
200
250
240
330
3. 60
3. 528
3. 672
60
90
70
110
200
250
240
330
3. 65
3. 577
3. 723
60
90
70
110
200
250
240
330
3. 70
3. 626
3. 774
60
90
70
110
200
250
240
330
3. 75
3. 675
3. 825
60
90
70
110
200
250
240
330
3. 80
3. 724
3. 876
60
90
70
110
200
250
240
330
3. 85
3. 773
3. 927
60
90
70
110
200
250
240
330
3. 90
3. 822
3. 978
60
90
70
110
200
250
240
330
3. 95
3. 871
4. 029
60
90
70
110
200
250
240
330
4. 00
3. 920
4. 080
60
80
70
100
180
230
220
310
4. 05
3. 969
4. 131
60
80
70
100
180
230
220
310
4. 10
4. 018
4. 182
60
80
70
100
180
230
220
310
4. 15
4. 067
4. 233
60
80
70
100
180
230
220
310
4. 20
4. 116
4. 284
60
80
70
100
180
230
220
310
4. 25
4. 165
4. 335
60
80
70
100
180
230
220
310
4. 30
4. 214
4. 386
60
80
70
100
180
230
220
310
4. 35
4. 263
4. 437
60
80
70
100
180
230
220
310
4. 40
4. 312
4. 488
60
80
70
100
180
230
220
310
4. 45
4. 361
4. 539
60
80
70
100
180
230
220
310
4. 50
4. 410
4. 590
60
80
70
100
180
230
220
310
4. 55
4. 459
4. 641
60
80
70
100
180
230
220
310
4. 60
4. 508
4. 692
60
80
70
100
180
230
220
310
4. 65
4. 557
4. 743
60
80
70
100
180
230
220
310
VOUT
VOUT(T)
Dropout Voltage 2
SYMBOL
Dropout Voltage1(mV)
(IOUT=30mA)
Dropout Voltage2(mV)
(IOUT=100mA)
PARAMETER
OUTPUT
VOLTAGE
Output Voltage
(V)
03S_04XC6204 02.9.12 2:57 PM ページ 266



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com