Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6204A592DL Datasheet(PDF) 14 Page - Torex Semiconductor

Part # XC6204A592DL
Description  (Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6204A592DL Datasheet(HTML) 14 Page - Torex Semiconductor

Back Button XC6204A592DL Datasheet HTML 10Page - Torex Semiconductor XC6204A592DL Datasheet HTML 11Page - Torex Semiconductor XC6204A592DL Datasheet HTML 12Page - Torex Semiconductor XC6204A592DL Datasheet HTML 13Page - Torex Semiconductor XC6204A592DL Datasheet HTML 14Page - Torex Semiconductor XC6204A592DL Datasheet HTML 15Page - Torex Semiconductor XC6204A592DL Datasheet HTML 16Page - Torex Semiconductor XC6204A592DL Datasheet HTML 17Page - Torex Semiconductor XC6204A592DL Datasheet HTML 18Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
XC6204 Series
270
3
0
50
100 150 200 250 300 350
VIN=6.0V
CIN=CL=1.0
µF(ceramic)
Output Current:IOUT (mA)
XC6204x502
6.0
5.0
4.0
3.0
2.0
1.0
0.0
85
°C
25
°C
-40
°C
6.0
5.0
4.0
3.0
2.0
1.0
0.0
0
50
100 150 200 250 300 350
Output Current:IOUT (mA)
Topr=25
°C
CIN=CL=1.0
µF(ceramic)
XC6204x502
VIN=5.3V
VIN=6.0V
VIN=7.0V
VIN=10V
■Typical Performance Characteristics
(1) OUTPUT VOLTAGE vs. OUTPUT CURRENT
0
50
100
150
200
250
300
350
VIN=2.8V
CIN=CL=1.0
µF(ceramic)
Output Current:IOUT (mA)
XC6204x182
2.5
2.0
1.5
1.0
0.5
0.0
85
°C
25
°C
-40
°C
0
50
100
150
200
250
300
350
Output Current:IOUT (mA)
2.5
2.0
1.5
1.0
0.5
0.0
Topr=25
°C
CIN=CL=1.0
µF(ceramic)
XC6204x182
VIN=2.1V
VIN=2.8V
VIN=5.0V
VIN=10V
0
50
100
150
200
250
300
350
XC6204x252
Output Current:IOUT (mA)
3.0
2.5
2.0
1.5
1.0
0.5
0.0
VIN=3.5V
CIN=CL=1.0
µF(ceramic)
85
°C
25
°C
-40
°C
0
50
100
150
200
250
300
350
XC6204x302
Output Current:IOUT (mA)
4.0
3.0
2.0
1.0
0
VIN=4.0V
CIN=CL=1.0
µF(ceramic)
85
°C
25
°C
-40
°C
0
50
100
150
200
250
300
350
Output Current:IOUT (mA)
3.0
2.5
2.0
1.5
1.0
0.5
0.0
Topr=25
°C
CIN=CL=1.0
µF(ceramic)
XC6204x252
VIN=2.8V
VIN=3.5V
VIN=5.0V
VIN=10V
0
50
100
150
200
250
300
350
Output Current:IOUT (mA)
4.0
3.0
2.0
1.0
0
Topr=25
°C
CIN=CL=1.0
µF(ceramic)
XC6204x302
VIN=3.3V
VIN=4.0V
VIN=7.0V
VIN=10V
03S_04XC6204 02.9.12 2:57 PM ページ 270



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com