Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COP984CS Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP984CS
Description  8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP984CS Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button COP984CS Datasheet HTML 18Page - National Semiconductor (TI) COP984CS Datasheet HTML 19Page - National Semiconductor (TI) COP984CS Datasheet HTML 20Page - National Semiconductor (TI) COP984CS Datasheet HTML 21Page - National Semiconductor (TI) COP984CS Datasheet HTML 22Page - National Semiconductor (TI) COP984CS Datasheet HTML 23Page - National Semiconductor (TI) COP984CS Datasheet HTML 24Page - National Semiconductor (TI) COP984CS Datasheet HTML 25Page - National Semiconductor (TI) COP984CS Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 53 page
background image
Timers (Continued)
The timer mode control bits (TxC3, TxC2 and TxC1) are detailed below:
Mode
TxC3
TxC2
TxC1
Description
Interrupt A
Source
Interrupt B
Source
Timer
Counts On
1
1
0
1
PWM: TxA Toggle
Autoreload RA
Autoreload RB
t
C
1
0
0
PWM: No TxA
Toggle
Autoreload RA
Autoreload RB
t
C
2
0
0
0
External Event
Counter
Timer
Underflow
Pos. TxB Edge
Pos. TxA
Edge
0
0
1
External Event
Counter
Timer
Underflow
Pos. TxB Edge
Pos. TxA
Edge
3
0
1
0
Captures:
Pos. TxA Edge
Pos. TxB Edge
t
C
TxA Pos. Edge
or Timer
TxB Pos. Edge
Underflow
1
1
0
Captures:
Pos. TxA
Neg. TxB
t
C
TxA Pos. Edge
Edge or Timer
Edge
TxB Neg. Edge
Underflow
0
1
1
Captures:
Neg. TxA
Neg. TxB
t
C
TxA Neg. Edge
Edge or Timer
Edge
TxB Neg. Edge
Underflow
1
1
1
Captures:
Neg. TxA
Neg. TxB
t
C
TxA Neg. Edge
Edge or Timer
Edge
TxB Neg. Edge
Underflow
Power Save Modes
The device offers the user two power save modes of opera-
tion: HALT and IDLE. In the HALT mode, all microcontroller
activities are stopped. In the IDLE mode, the on-board oscil-
lator circuitry and timer T0 are active but all other microcon-
troller activities are stopped. In either mode, all on-board
RAM, registers, I/O states, and timers (with the exception of
T0) are unaltered.
HALT MODE
The device can be placed in the HALT mode by writing a “1”
to the HALT flag (G7 data bit). All microcontroller activities,
including the clock and timers, are stopped. The WATCH-
DOG logic on the device is disabled during the HALT mode.
However, the clock monitor circuitry if enabled remains ac-
tive and will cause the WATCHDOG output pin (WDOUT) to
go low. If the HALT mode is used and the user does not want
to activate the WDOUT pin, the Clock Monitor should be dis-
abled after the device comes out of reset (resetting the Clock
Monitor control bit with the first write to the WDSVR register).
In the HALT mode, the power requirements of the device are
minimal and the applied voltage (V
CC) may be decreased to
V
r (Vr = 2.0V) without altering the state of the machine.
The device supports three different ways of exiting the HALT
mode. The first method of exiting the HALT mode is with the
Multi-Input Wakeup feature on the L port. The second
method is with a low to high transition on the CKO (G7) pin.
This method precludes the use of the crystal clock configura-
tion (since CKO becomes a dedicated output), and so may
only be used with an RC clock configuration. The third
method of exiting the HALT mode is by pulling the RESET
pin low.
Since a crystal or ceramic resonator may be selected as the
oscillator, the Wakeup signal is not allowed to start the chip
running immediately since crystal oscillators and ceramic
resonators have a delayed start up time to reach full ampli-
tude and frequency stability. The IDLE timer is used to gen-
erate a fixed delay to ensure that the oscillator has indeed
stabilized before allowing instruction execution. In this case,
upon detecting a valid Wakeup signal, only the oscillator cir-
cuitry is enabled. The IDLE timer is loaded with a value of
256 and is clocked with the t
c instruction cycle clock. The tc
clock is derived by dividing the oscillator clock down by a fac-
tor of 10. The Schmitt trigger following the CKI inverter on
the chip ensures that the IDLE timer is clocked only when the
oscillator has a sufficiently large amplitude to meet the
Schmitt trigger specifications. This Schmitt trigger is not part
of the oscillator closed loop. The startup timeout from the
IDLE timer enables the clock signals to be routed to the rest
of the chip.
If an RC clock option is being used, the fixed delay is intro-
duced optionally. A control bit, CLKDLY, mapped as configu-
ration bit G7, controls whether the delay is to be introduced
or not. The delay is included if CLKDLY is set, and excluded
if CLKDLY is reset. The CLKDLY bit is cleared on reset.
The device has two mask options associated with the HALT
mode. The first mask option enables the HALT mode feature,
while the second mask option disables the HALT mode. With
the HALT mode enable mask option, the device will enter
and exit the HALT mode as described above. With the HALT
disable mask option, the device cannot be placed in the
HALT mode (writing a “1” to the HALT flag will have no effect,
the HALT flag will remain “0”).
IDLE MODE
The device is placed in the IDLE mode by writing a “1” to the
IDLE flag (G6 data bit). In this mode, all activities, except the
associated on-board oscillator circuitry and the IDLE Timer
T0, are stopped. The power supply requirements of the
www.national.com
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com