Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COP984CS Datasheet(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP984CS
Description  8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP984CS Datasheet(HTML) 29 Page - National Semiconductor (TI)

Back Button COP984CS Datasheet HTML 25Page - National Semiconductor (TI) COP984CS Datasheet HTML 26Page - National Semiconductor (TI) COP984CS Datasheet HTML 27Page - National Semiconductor (TI) COP984CS Datasheet HTML 28Page - National Semiconductor (TI) COP984CS Datasheet HTML 29Page - National Semiconductor (TI) COP984CS Datasheet HTML 30Page - National Semiconductor (TI) COP984CS Datasheet HTML 31Page - National Semiconductor (TI) COP984CS Datasheet HTML 32Page - National Semiconductor (TI) COP984CS Datasheet HTML 33Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 53 page
background image
Baud Clock Generation (Continued)
TABLE 3. Baud Rate Divisors
(1.8432 MHz Prescaler Output)
Baud
Baud Rate
Rate
Divisor − 1
(N-1)
110
(110.03)
1046
134.5
(134.58)
855
150
767
300
383
600
191
1200
95
1800
63
2400
47
3600
31
4800
23
7200
15
9600
11
19200
5
38400
2
Note: The entries in
Table 4 assume a prescaler output of 1.8432 MHz. In the
asynchronous mode the baud rate could be as high as 625k.
TABLE 4. Prescaler Factors
Prescaler
Prescaler
Select
Factor
00000
NO CLOCK
00001
1
00010
1.5
00011
2
00100
2.5
00101
3
00110
3.5
00111
4
Prescaler
Prescaler
Select
Factor
01000
4.5
01001
5
01010
5.5
01011
6
01100
6.5
01101
7
01110
7.5
01111
8
10000
8.5
10001
9
10010
9.5
10011
10
10100
10.5
10101
11
10110
11.5
10111
12
11000
12.5
11001
13
11010
13.5
11011
14
11100
14.5
11101
15
11110
15.5
11111
16
DS012829-16
FIGURE 14. USART BAUD Clock Generation
DS012829-17
FIGURE 15. USART BAUD Clock Divisor Registers
www.national.com
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com