Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COP984CS Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP984CS
Description  8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP984CS Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button COP984CS Datasheet HTML 5Page - National Semiconductor (TI) COP984CS Datasheet HTML 6Page - National Semiconductor (TI) COP984CS Datasheet HTML 7Page - National Semiconductor (TI) COP984CS Datasheet HTML 8Page - National Semiconductor (TI) COP984CS Datasheet HTML 9Page - National Semiconductor (TI) COP984CS Datasheet HTML 10Page - National Semiconductor (TI) COP984CS Datasheet HTML 11Page - National Semiconductor (TI) COP984CS Datasheet HTML 12Page - National Semiconductor (TI) COP984CS Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
Absolute Maximum Ratings (Note 4)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)7V
Voltage at Any Pin
−0.3V to V
CC + 0.3V
Total Current into V
CC Pin (Source)
100 mA
Total Current out of GND Pin (Sink)
110 mA
Storage Temperature Range
−65˚C to +140˚C
Note 4:
Absolute maximum ratings indicate limits beyond which damage to
the device may occur. DC and AC electrical specifications are not ensured
when operating the device at absolute maximum ratings.
DC Electrical Characteristics 888GG, 888HG, and 888KG:
−40˚C
≤ T
A ≤ +85˚C unless otherwise specified
Parameter
Conditions
Min
Typ
Max
Units
Operating Voltage
2.5
5.5
V
Power Supply Ripple (Note 6)
Peak-to-Peak
0.1 V
CC
V
Supply Current (Note 7)
CKI = 10 MHz
V
CC = 5.5V, tc = 1 µs
12.5
mA
CKI = 4 MHz
V
CC = 5.5V, tc = 2.5 µs
5.5
mA
CKI = 4 MHz
V
CC = 4V, tc = 2.5 µs
2.5
mA
CKI = 1 MHz
V
CC = 4V, tc = 10 µs
1.4
mA
HALT Current (Note 8)
V
CC = 5.5V, CKI = 0 MHz
<110
µA
V
CC = 4V, CKI = 0 MHz
<0.5
6
µA
IDLE Current
CKI = 10 MHz
V
CC = 5.5V, tc = 1 µs
3.5
mA
CKI = 4 MHz
V
CC = 5.5V, tc = 2.5 µs
2.5
mA
CKI = 1 MHz
V
CC = 4V, tc = 10 µs
0.7
mA
Input Levels (V
IH,VIL)
RESET
Logic High
0.8 V
CC
V
Logic Low
0.2 V
CC
V
CKI, All Other Inputs
Logic High
0.7 V
CC
V
Logic Low
0.2 V
CC
V
Hi-Z Input Leakage
V
CC = 5.5V, VIN = 0V
−2
+2
µA
Input Pullup Current
V
CC = 5.5V, VIN = 0V
−40
−250
µA
G and L Port Input Hysteresis
(Note 10)
0.35 V
CC
V
Output Current Levels
D Outputs
Source
V
CC = 4V, VOH = 3.3V
−0.4
mA
V
CC = 2.5V, VOH = 1.8V
−0.2
mA
Sink
V
CC = 4V, VOL = 1V
10
mA
V
CC = 2.5V, VOL = 0.4V
2.0
mA
All Others
Source (Weak Pull-Up Mode)
V
CC = 4V, VOH = 2.7V
−10
−100
µA
V
CC = 2.5V, VOH = 1.8V
−2.5
−33
µA
Source (Push-Pull Mode)
V
CC = 4V, VOH = 3.3V
−0.4
mA
V
CC = 2.5V, VOH = 1.8V
−0.2
mA
Sink (Push-Pull Mode)
V
CC = 4V, VOL = 0.4V
1.6
mA
V
CC = 2.5V, VOL = 0.4V
0.7
mA
TRI-STATE Leakage
V
CC = 5.5V
−2
+2
µA
Allowable Sink/Source
Current per Pin
D Outputs (Sink)
15
mA
All others
3mA
Maximum Input Current
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com