Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COP984CS Datasheet(PDF) 25 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP984CS
Description  8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP984CS Datasheet(HTML) 25 Page - National Semiconductor (TI)

Back Button COP984CS Datasheet HTML 21Page - National Semiconductor (TI) COP984CS Datasheet HTML 22Page - National Semiconductor (TI) COP984CS Datasheet HTML 23Page - National Semiconductor (TI) COP984CS Datasheet HTML 24Page - National Semiconductor (TI) COP984CS Datasheet HTML 25Page - National Semiconductor (TI) COP984CS Datasheet HTML 26Page - National Semiconductor (TI) COP984CS Datasheet HTML 27Page - National Semiconductor (TI) COP984CS Datasheet HTML 28Page - National Semiconductor (TI) COP984CS Datasheet HTML 29Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 53 page
background image
USART (Continued)
USART CONTROL AND STATUS REGISTERS
The operation of the USART is programmed through three
registers: ENU, ENUR and ENUI.
DESCRIPTION OF USART REGISTER BITS
ENU-USART Control and Status Register (Address at 0BA)
PEN
PSEL1
XBIT9/
CHL1
CHL0
ERR
RBFL
TBMT
PSEL0
Bit 7
Bit 0
PEN: This bit enables/disables Parity (7- and 8-bit modes
only). Read/Write, cleared on reset.
PEN = 0
Parity disabled.
PEN = 1
Parity enabled.
PSEL1, PSEL0: Parity select bits. Read/Write, cleared on
reset.
PSEL1 = 0, PSEL0 = 0
Odd Parity (if Parity enabled)
PSEL1 = 0, PSEL0 = 1
Even Parity (if Parity enabled)
PSEL1 = 1, PSEL0 = 0
Mark(1) (if Parity enabled)
PSEL1 = 1, PSEL0 = 1
Space(0) (if Parity enabled)
XBIT9/PSEL0: Programs the ninth bit for transmission when
the USART is operating with nine data bits per frame. For
seven or eight data bits per frame, this bit in conjunction with
PSEL1 selects parity. Read/Write, cleared on reset.
DS012829-14
FIGURE 12. USART Block Diagram
www.national.com
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com