Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COP984CS Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP984CS
Description  8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP984CS Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button COP984CS Datasheet HTML 24Page - National Semiconductor (TI) COP984CS Datasheet HTML 25Page - National Semiconductor (TI) COP984CS Datasheet HTML 26Page - National Semiconductor (TI) COP984CS Datasheet HTML 27Page - National Semiconductor (TI) COP984CS Datasheet HTML 28Page - National Semiconductor (TI) COP984CS Datasheet HTML 29Page - National Semiconductor (TI) COP984CS Datasheet HTML 30Page - National Semiconductor (TI) COP984CS Datasheet HTML 31Page - National Semiconductor (TI) COP984CS Datasheet HTML 32Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 53 page
background image
USART Operation (Continued)
USART INTERRUPTS
The USART is capable of generating interrupts. Interrupts
are generated on Receive Buffer Full and Transmit Buffer
Empty. Both interrupts have individual interrupt vectors. Two
bytes of program memory space are reserved for each inter-
rupt vector. The two vectors are located at addresses 0xEC
to 0xEF Hex in the program memory space. The interrupts
can be individually enabled or disabled using Enable Trans-
mit Interrupt (ETI) and Enable Receive Interrupt (ERI) bits in
the ENUI register.
The interrupt from the Transmitter is set pending, and re-
mains pending, as long as both the TBMT and ETI bits are
set. To remove this interrupt, software must either clear the
ETI bit or write to the TBUF register (thus clearing the TBMT
bit).
The interrupt from the receiver is set pending, and remains
pending, as long as both the RBFL and ERI bits are set. To
remove this interrupt, software must either clear the ERI bit
or read from the RBUF register (thus clearing the RBFL bit).
Baud Clock Generation
The clock inputs to the transmitter and receiver sections of
the USART can be individually selected to come either from
an external source at the CKX pin (port L, pin L1) or from a
source selected in the PSR and BAUD registers. Internally,
the basic baud clock is created from the oscillator frequency
through a two-stage divider chain consisting of a 1–16 (in-
crements of 0.5) prescaler and an 11-bit binary counter. (
Fig-
ure 14). The divide factors are specified through two read/
write registers shown in
Figure 15. Note that the 11-bit Baud
Rate Divisor spills over into the Prescaler Select Register
(PSR). PSR is cleared upon reset.
As shown in
Table 6, a Prescaler Factor of 0 corresponds to
NO CLOCK. This condition is the USART power down mode
where the USART clock is turned off for power saving pur-
pose. The user must also turn the USART clock off when a
different baud rate is chosen.
The correspondences between the 5-bit Prescaler Select
and Prescaler factors are shown in
Table 6. There are many
ways to calculate the two divisor factors, but one particularly
effective method would be to achieve a 1.8432 MHz fre-
quency coming out of the first stage. The 1.8432 MHz pres-
caler output is then used to drive the software programmable
baud rate counter to create a 16x clock for the following baud
rates: 110, 134.5, 150, 300, 600, 1200, 1800, 2400, 3600,
4800, 7200, 9600, 19200 and 38400 (
Table 1). Other baud
rates may be created by using appropriate divisors. The 16x
clock is then divided by 16 to provide the rate for the serial
shift registers of the transmitter and receiver.
DS012829-15
FIGURE 13. Framing Formats
www.national.com
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com