Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USB3370 Datasheet(PDF) 42 Page - Microchip Technology

Part # USB3370
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3370 Datasheet(HTML) 42 Page - Microchip Technology

Back Button USB3370 Datasheet HTML 38Page - Microchip Technology USB3370 Datasheet HTML 39Page - Microchip Technology USB3370 Datasheet HTML 40Page - Microchip Technology USB3370 Datasheet HTML 41Page - Microchip Technology USB3370 Datasheet HTML 42Page - Microchip Technology USB3370 Datasheet HTML 43Page - Microchip Technology USB3370 Datasheet HTML 44Page - Microchip Technology USB3370 Datasheet HTML 45Page - Microchip Technology USB3370 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 75 page
background image
USB3370
DS00001915B-page 42
2012 - 2015 Microchip Technology Inc.
6.3.2.1
Disconnect Detection
A Hi-Speed host must detect a disconnect by sampling the transmitter outputs during the long EOP transmitted during
a SOF packet. The USB3370 only looks for a Hi-Speed disconnect during the long EOP where the period is long enough
for the disconnect reflection to return to the host PHY. When a Hi-Speed disconnect occurs, the USB3370 will return a
RXCMD and set the host disconnect bit in the USB Interrupt Status register.
When in FS or LS modes, the Link is expected to handle all disconnect detection.
6.3.2.2
Link Power Management (LPM) Token Receive
The USB3370 is fully capable of receiving the Extended PID in the LPM token. When the LPM 0000b PID is received,
this information is passed to the Link as a normal receive packet. If the Link chooses to enter LPM suspend, the proce-
dure detailed in Section 6.5.3 can be followed.
6.4
USB3370 Transmitter
The USB3370 ULPI transmitter fully supports HS, FS, and LS transmit operations. Figure 6-1 shows the Hi-Speed, Full
Speed, and Low Speed transmitter block controlled by ULPI Protocol Block. Encoding of the USB packet follows the bit-
stuffing and NRZI outlined in the USB 2.0 specification. Many of these functions are reused between the HS and FS/LS
transmitters. When using the USB3370, Table 5-1 should always be used as a guideline on how to configure for various
modes of operation. The transmitter decodes the inputs of XcvrSelect[1:0], TermSelect, OpMode[1:0], DpPulldown, and
DmPulldown
to determine what operation is expected. Users must strictly adhere to the modes of operation given in
Table 5-1.
Several important functions for a device and host are designed into the transmitter blocks.
The USB3370 transmitter will transmit a 32-bit long Hi-Speed sync before every Hi-Speed packet. In Full and Low Speed
modes a 8-bit sync is transmitted.
When the device or host needs to chirp for Hi-Speed port negotiation, the OpMode = 10 setting will turn off the bit-stuffing
and NRZI encoding in the transmitter. At the end of a chirp, the USB3370 OpMode register bits should be changed only
after the RXCMD linestate encoding indicates that the transmitter has completed transmitting. Should the opmode be
switched to normal bit-stuffing and NRZI encoding before the transmit pipeline is empty, the remaining data in the pipe-
line may be transmitted in an bit-stuff encoding format.
Please refer to the ULPI specification for a detailed discussion of USB reset and HS chirp.
6.4.1
USB3370 HOST FEATURES
The USB3370 can also support USB Host operation and includes the following features that are required for Host oper-
ation.
6.4.1.1
Hi-Speed Long EOP
When operating as a Hi-Speed host, the USB3370 will automatically generate a 40 bit long End of Packet (EOP) after
a SOF PID (A5h). The USB3370 determines when to send the 40-bit long EOP by decoding the ULPI TX CMD bits [3:0]
for the SOF. The 40-bit long EOP is only transmitted when the DpPulldown and DmPulldown bits in the OTG Control
register are asserted. The Hi-Speed 40-bit long EOP is used to detect a disconnect in mode.
In device mode, the USB3370 will not send a long EOP after a SOF PID.
6.4.1.2
Low Speed Keep-Alive
Low Speed keep alive is supported by the USB3370. When in Low Speed mode, the USB3370 will send out two Low
Speed bit times of SE0 when a SOF PID is received.
6.4.1.3
UTMI+ Level 3
Pre-amble is supported for UTMI+ Level 3 compatibility. When XcvrSelect is set to (11b) in host mode, (DpPulldown and
DmPulldown
both asserted) the USB3370 will pre-pend a Full Speed pre-amble before the Low Speed packet. Full
Speed rise and fall times are used in this mode. The pre-amble consists of the following: Full Speed sync, the encoded
pre-PID (C3h) and then Full Speed idle (DP=1 and DM = 0). A Low Speed packet follows with a sync, data and a LS EOP.
The USB3370 will only support UTMI+ Level 3 as a host. The USB3370 does not support UTMI+ Level 3 as a peripheral.
A UTMI+ Level 3 peripheral is an upstream hub port. The USB3370 will not decode a pre-amble packet intended for a
LS device when the USB3370 is configured as the upstream port of a FS hub, XcvrSelect = 11b, DpPulldown = 0b,
DmPulldown
=0b.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com