| Electronic Components Datasheet Search |
|
USB3370 Datasheet(PDF) 38 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB3370 Datasheet(HTML) 38 Page - Microchip Technology |
|
38 / 75 page ![]() USB3370 DS00001915B-page 38 2012 - 2015 Microchip Technology Inc. PHY drives the requested register onto the data bus. At T5, the Link will read the data bus and the PHY will drop DIR low returning control of the bus back to the Link. After the turn around cycle, the Link must drive a ULPI Idle command at T6. A ULPI extended register read operation is shown in Figure 6-6.To read an extended register, the Link writes the TX CMD with the address set to 2Fh. At T2, the PHY will assert NXT, signaling the Link it is ready to accept the extended address. At T3, the Link places the extended register address on the bus. At T4, the PHY reads the extended address, and asserts DIR to gain control of the bus. The PHY will also de-assert NXT. At T5, the bus ownership has transferred back to the PHY and the PHY drives the requested register onto the data bus. At T6, the Link will read the data bus and the PHY will de-assert DIR returning control of the bus back to the Link. After the turn around cycle, the Link must drive a ULPI Idle command at T6. 6.3 USB3370 Receiver The following section describes how the USB3370 uses the ULPI interface to receive USB signaling and transfer status information to the Link. This information is communicated to the Link using RX Commands to relay bus status and received USB packets. 6.3.1 ULPI RECEIVE COMMAND (RX CMD) The ULPI Link needs information which was provided by the following pins in a UTMI implementation: linestate[1:0], rxactive, rxvalid, rxerror, and VbusValid. When implementing the OTG functions, the VBUS and ID pin states must also be transferred to the Link. ULPI defines a Receive Command Byte (RXCMD) that contains this information. An RXCMD can be sent a any time the bus is idle. The RXCMD is initiated when the USB3370 asserts DIR to take con- trol of the bus. The timing of RXCMD is shown in the figure below. The USB3370 can send single or back to back RXCMD’s as required. The Encoding of the RXCMD byte is given in the Table 6-3. FIGURE 6-6: ULPI EXTENDED REGISTER READ IN SYNCHRONOUS MODE DIR CLK DATA[7:0] STP NXT TXD CMD extended reg read Idle T0 Reg Data Turn around Turn around T1 T2 T3 T4 T5 T6 Idle Extended address T7 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |