| Electronic Components Datasheet Search |
|
PSD853F2 Datasheet(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD853F2 Datasheet(HTML) 41 Page - STMicroelectronics |
|
41 / 128 page ![]() PSD8XXFX Specific features Doc ID 7833 Rev 7 41/128 10.3 Reset (RESET) signal (on the PSD83xF2 and PSD85xF2) A pulse on Reset (RESET) aborts any cycle that is in progress, and resets the Flash memory to the READ mode. When the reset occurs during a program or erase cycle, the Flash memory takes up to 25 μs to return to the READ mode. It is recommended that the Reset (RESET) pulse (except for Power On Reset, as described in Section 18: Reset timing and device status at reset) be at least 25 µs so that the Flash memory is always ready for the MCU to fetch the bootstrap instructions after the Reset cycle is complete. Table 12. Sector Protection/Security Bit definition – Flash Protection register(1) 1. Bit Definitions: Sec<i>_Prot 1 = Primary Flash memory or secondary Flash memory Sector <i> is write protected. Sec<i>_Prot 0 = Primary Flash memory or secondary Flash memory Sector <i> is not write protected. Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Sec7_Prot Sec6_Prot Sec5_Prot Sec4_Prot Sec3_Prot Sec2_Prot Sec1_Prot Sec0_Prot Table 13. Sector Protection/Security Bit definition – PSD/EE Protection register(1) 1. Bit Definitions: Sec<i>_Prot 1 = Secondary Flash memory Sector <i> is write protected. Sec<i>_Prot 0 = Secondary Flash memory Sector <i> is not write protected. Security_Bit 0 = Security Bit in device has not been set. 1 = Security Bit in device has been set. Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Security_B it not used not used not used Sec3_Prot Sec2_Prot Sec1_Prot Sec0_Prot Obsolete Product(s) - Obsolete Product(s) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |