Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSD853F2 Datasheet(PDF) 97 Page - STMicroelectronics

Part # PSD853F2
Description  Flash in-system programmable (ISP) peripherals
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD853F2 Datasheet(HTML) 97 Page - STMicroelectronics

Back Button PSD853F2 Datasheet HTML 93Page - STMicroelectronics PSD853F2 Datasheet HTML 94Page - STMicroelectronics PSD853F2 Datasheet HTML 95Page - STMicroelectronics PSD853F2 Datasheet HTML 96Page - STMicroelectronics PSD853F2 Datasheet HTML 97Page - STMicroelectronics PSD853F2 Datasheet HTML 98Page - STMicroelectronics PSD853F2 Datasheet HTML 99Page - STMicroelectronics PSD853F2 Datasheet HTML 100Page - STMicroelectronics PSD853F2 Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 128 page
background image
PSD8XXFX
AC/DC parameters
Doc ID 7833 Rev 7
97/128
Figure 36.
AC measurement I/O waveform
Figure 37.
AC measurement load circuit
Figure 38.
Switching waveforms – key
Table 45.
Capacitance(1)
1.
Sampled only, not 100% tested.
Symbol
Parameter
Test condition
Typ.(2)
2.
Typical values are for TA = 25°C and nominal supply voltages.
Max.
Unit
CIN
Input capacitance (for input
pins)
VIN = 0V
4
6
pF
COUT
Output capacitance (for
input/output pins)
VOUT = 0V
8
12
pF
CVPP
Capacitance (for
CNTL2/VPP)
VPP = 0V
18
25
pF
3.0V
0V
Test Point
1.5V
AI03103b
Device
Under Test
2.01 V
195
Ω
C
L = 30 pF
(Including Scope and
Jig Capacitance)
AI03104b
Device
Under Test
2.01 V
195
Ω
C
L = 30 pF
(Including Scope and
Jig Capacitance)
AI03104b
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com