Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSD853F2 Datasheet(PDF) 18 Page - STMicroelectronics

Part # PSD853F2
Description  Flash in-system programmable (ISP) peripherals
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD853F2 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button PSD853F2 Datasheet HTML 14Page - STMicroelectronics PSD853F2 Datasheet HTML 15Page - STMicroelectronics PSD853F2 Datasheet HTML 16Page - STMicroelectronics PSD853F2 Datasheet HTML 17Page - STMicroelectronics PSD853F2 Datasheet HTML 18Page - STMicroelectronics PSD853F2 Datasheet HTML 19Page - STMicroelectronics PSD853F2 Datasheet HTML 20Page - STMicroelectronics PSD853F2 Datasheet HTML 21Page - STMicroelectronics PSD853F2 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 128 page
background image
Pin description
PSD8XXFX
18/128
Doc ID 7833 Rev 7
PD2
8
I/O
PD2 pin of port D. This port pin can be configured to have the following functions:
MCU I/O - write to or read from a standard output or input port.
Input to the PLDs.
CPLD output (External Chip Select).
PSD Chip Select input (CSI). When low, the MCU can access the PSD memory and
I/O. When high, the PSD memory blocks are disabled to conserve power.
VCC
15, 38
Supply voltage
GND
1, 16,
26
Ground pins
1.
The pin numbers in this table are for the PLCC package only. See the package information from Table 73 onwards, for pin
numbers on other package types.
2.
These functions can be multiplexed with other functions.
Table 3.
PLCC52 pin description (1) (continued)
Pin name
Pin
Type
Description
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com