Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSD853F2 Datasheet(PDF) 76 Page - STMicroelectronics

Part # PSD853F2
Description  Flash in-system programmable (ISP) peripherals
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD853F2 Datasheet(HTML) 76 Page - STMicroelectronics

Back Button PSD853F2 Datasheet HTML 72Page - STMicroelectronics PSD853F2 Datasheet HTML 73Page - STMicroelectronics PSD853F2 Datasheet HTML 74Page - STMicroelectronics PSD853F2 Datasheet HTML 75Page - STMicroelectronics PSD853F2 Datasheet HTML 76Page - STMicroelectronics PSD853F2 Datasheet HTML 77Page - STMicroelectronics PSD853F2 Datasheet HTML 78Page - STMicroelectronics PSD853F2 Datasheet HTML 79Page - STMicroelectronics PSD853F2 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 128 page
background image
I/O ports
PSD8XXFX
76/128
Doc ID 7833 Rev 7
16.21
Port C – functionality and structure
Port C can be configured to perform one or more of the following functions (see Figure 28):
●
MCU I/O mode
●
CPLD Output – McellBC7-McellBC0 outputs can be connected to port B or port C.
●
CPLD input – via the input macrocells (IMC)
●
Address In – Additional high address inputs using the input macrocells (IMC).
●
In-system programming (ISP) – JTAG port can be enabled for programming/erase of
the PSD device (see Section 19: Programming in-circuit using the JTAG serial interface
for more information on JTAG programming).
●
Open Drain – port C pins can be configured in Open Drain mode
Port C does not support Address Out mode, and therefore no Control register is required.
Pin PC7 may be configured as the DBE input in certain MCU bus interfaces.
Figure 28.
Port C structure
16.22
Port D – functionality and structure
Port D has three I/O pins. See Figure 29 and Figure 30. This port does not support Address
Out mode, and therefore no Control register is required. port D can be configured to perform
one or more of the following functions:
●
MCU I/O mode
●
CPLD Output – External Chip Select (ECS0-ECS2)
●
CPLD input – direct input to the CPLD, no input macrocells (IMC)
●
Slew rate – pins can be set up for fast slew rate
DATA OUT
REG.
DQ
DQ
WR
WR
MCELLBC[ 7:0]
ENABLE PRODUCT TERM (.OE)
READ MUX
P
D
B
CPLD - INPUT
DIR REG.
INPUT
MACROCELL
ENABLE OUT
SPECIAL FUNCTION
SPECIAL FUNCTION
1
CONFIGURATION
BIT
DATA IN
OUTPUT
SELECT
OUTPUT
MUX
PORT C PIN
DATA OUT
AI02888B
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com