Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSD853F2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # PSD853F2
Description  Flash in-system programmable (ISP) peripherals
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD853F2 Datasheet(HTML) 1 Page - STMicroelectronics

  PSD853F2 Datasheet HTML 1Page - STMicroelectronics PSD853F2 Datasheet HTML 2Page - STMicroelectronics PSD853F2 Datasheet HTML 3Page - STMicroelectronics PSD853F2 Datasheet HTML 4Page - STMicroelectronics PSD853F2 Datasheet HTML 5Page - STMicroelectronics PSD853F2 Datasheet HTML 6Page - STMicroelectronics PSD853F2 Datasheet HTML 7Page - STMicroelectronics PSD853F2 Datasheet HTML 8Page - STMicroelectronics PSD853F2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 128 page
background image
May 2009
Doc ID 7833 Rev 7
1/128
1
PSD8XXFX
Flash in-system programmable (ISP)
peripherals for 8-bit MCUs, 5 V
Features
■ Flash in-system programmable (ISP)
peripheral for 8-bit MCUs
■ Dual bank Flash memories
– Up to 2 Mbit of primary Flash memory (8
uniform sectors, 32K x8)
– Up to 256 Kbit secondary Flash memory (4
uniform sectors)
– Concurrent operation: read from one
memory while erasing and writing the other
■ Up to 256 Kbit SRAM
■ 27 reconfigurable I/Oports
■ Enhanced JTAG serial port
■ PLD with macrocells
– Over 3000 gates of PLD: CPLD and DPLD
– CPLD with 16 output macrocells (OMCs)
and 24 input macrocells (IMCs)
– DPLD - user defined internal chip select
decoding
■ 27 individually configurable I/O port pins
They can be used for the following functions:
– MCU I/Os
– PLD I/Os
– Latched MCU address output
– Special function I/Os.
– 16 of the I/O ports may be configured as
open-drain outputs.
■ In-system programming (ISP) with JTAG
– Built-in JTAG compliant serial port allows
full-chip in-system programmability
– Efficient manufacturing allow easy product
testing and programming
– Use low cost FlashLINK cable with PC
■ Page register
– Internal page register that can be used to
expand the microcontroller address space
by a factor of 256
■ Programmable power management
■ Packages are ECOPACK®
Table 1.
Device summary
Reference
Part number
PSD8XXFX
PSD813F2
PSD813F4
PSD813F5
PSD833F2
PSD834F2
PSD853F2
PSD854F2
PQFP52 (M)
PLCC52 (J)
TQFP64 (U)
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - PSD853F2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD853F2 STMICROELECTRONICS-PSD853F2 Datasheet
1Mb / 103P
Flash In-System Programmable ISP Peripherals For 8-bit MCUs
Jun-2004
PSD853F2 STMICROELECTRONICS-PSD853F2 Datasheet
1Mb / 110P
Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
Jun-2004
PSD853F2 STMICROELECTRONICS-PSD853F2 Datasheet
1Mb / 128P
Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
05-May-2009
PSD853F2-12 STMICROELECTRONICS-PSD853F2-12 Datasheet
1Mb / 110P
Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
Jun-2004
PSD853F2-12J STMICROELECTRONICS-PSD853F2-12J Datasheet
1Mb / 103P
Flash In-System Programmable ISP Peripherals For 8-bit MCUs
Jun-2004
More results

Similar Description - PSD853F2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD813F1-A STMICROELECTRONICS-PSD813F1-A Datasheet
563Kb / 120P
Flash In-System Programmable ISP Peripherals For 8-bit MCUs
04-Jan-2002
PSD813F2 STMICROELECTRONICS-PSD813F2 Datasheet
1Mb / 103P
Flash In-System Programmable ISP Peripherals For 8-bit MCUs
Jun-2004
PSD913F2 STMICROELECTRONICS-PSD913F2 Datasheet
476Kb / 94P
Flash In-System Programmable ISP Peripherals For 8-bit MCUs
04-Jan-2002
PSD813F2 STMICROELECTRONICS-PSD813F2 Datasheet
1Mb / 110P
Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
Jun-2004
PSD813F1 STMICROELECTRONICS-PSD813F1 Datasheet
1Mb / 110P
Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
Aug-2004
PSD813F2V STMICROELECTRONICS-PSD813F2V Datasheet
1Mb / 110P
Flash In-System Programmable (ISP) Peripherals for8-bits MCUs, 3V
Jun-2004
PSD813F1V STMICROELECTRONICS-PSD813F1V Datasheet
1Mb / 110P
Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 3.3V
Jun-2004
PSD4256G6V STMICROELECTRONICS-PSD4256G6V Datasheet
756Kb / 100P
Flash In-System Programmable (ISP) Peripherals for 16-bit MCUs
06-Dec-2002
PSD8XXFX STMICROELECTRONICS-PSD8XXFX Datasheet
1Mb / 128P
Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
05-May-2009
PSD813F2V STMICROELECTRONICS-PSD813F2V_09 Datasheet
914Kb / 109P
Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 3.3 V
05-May-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com