Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5318 Datasheet(PDF) 12 Page - Analog Devices

Part # AD5318
Description  2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5318 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5318 Datasheet HTML 8Page - Analog Devices AD5318 Datasheet HTML 9Page - Analog Devices AD5318 Datasheet HTML 10Page - Analog Devices AD5318 Datasheet HTML 11Page - Analog Devices AD5318 Datasheet HTML 12Page - Analog Devices AD5318 Datasheet HTML 13Page - Analog Devices AD5318 Datasheet HTML 14Page - Analog Devices AD5318 Datasheet HTML 15Page - Analog Devices AD5318 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
AD5308/AD5318/AD5328
Rev. F | Page 12 of 28
IDD (mA)
0.6
35
30
25
20
15
10
5
0
0.7
0.8
0.9
1.0
1.1
MEAN: 0.693798
MEAN: 1.02055
SS = 300
VDD = 3V
VDD = 5V
VREF (V)
0.02
–0.02
0123
456
0.01
–0.01
0
TA = 25°C
VDD = 5V
Figure 22. IDD Histogram with VDD = 3 V and VDD = 5 V
Figure 25. Full-Scale Error vs. VREF
100ns/DIV
1
μs/DIV
2.48
2.49
2.47
2.50
Figure 26. DAC-to-DAC Crosstalk
Figure 23. AD5328 Major-Code Transition Glitch Energy
FREQUENCY (Hz)
10
–40
10
–20
–30
0
–10
100
1k
10k
100k
1M
10M
–50
–60
Figure 24. Multiplying Bandwidth (Small-Signal Frequency Response)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com