Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5318 Datasheet(PDF) 10 Page - Analog Devices

Part # AD5318
Description  2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5318 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5318 Datasheet HTML 6Page - Analog Devices AD5318 Datasheet HTML 7Page - Analog Devices AD5318 Datasheet HTML 8Page - Analog Devices AD5318 Datasheet HTML 9Page - Analog Devices AD5318 Datasheet HTML 10Page - Analog Devices AD5318 Datasheet HTML 11Page - Analog Devices AD5318 Datasheet HTML 12Page - Analog Devices AD5318 Datasheet HTML 13Page - Analog Devices AD5318 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD5308/AD5318/AD5328
Rev. F | Page 10 of 28
MAX INL
MAX DNL
MIN INL
0.50
0.25
0
–0.25
–0.50
012
34
5
TA = 25°C
VDD = 5V
MIN DNL
VREF (V)
Figure 10. AD5308 INL and DNL Error vs. VREF
TEMPERATURE (°C)
0.5
0.2
–0.5
– 40
0
40
0
–0.2
80
120
–0.4
–0.3
–0.1
0.1
0.3
0.4
VREF = 3V
VDD = 5V
MAX INL
MIN DNL
MIN INL
MAX DNL
Figure 11. AD5308 INL Error and DNL Error vs. Temperature
–1.0
–0.5
0
0.5
1.0
TEMPERATURE (
°C)
0
–40
40
80
120
VDD = 5V
VREF = 2V
OFFSET ERROR
GAIN ERROR
Figure 12. AD5308 Offset Error and Gain Error vs. Temperature
–0.6
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
23
0
1
456
VDD (V)
TA = 25°C
VREF = 2V
GAIN ERROR
OFFSET ERROR
Figure 13. Offset Error and Gain Error vs. VDD
0
1
2
3
4
5
23
01
4
5
SINK/SOURCE CURRENT (mA)
6
5V SOURCE
3V SOURCE
5V SINK
3V SINK
Figure 14. VOUT Source and Sink Current Capability
DAC CODE
1.0
ZERO SCALE
FULL SCALE
0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
HALF SCALE
TA = 25°C
VDD = 5V
Figure 15. Supply Current vs. DAC Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com