| Electronic Components Datasheet Search |
|
ADP1046AACPZ-R7 Datasheet(PDF) 82 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP1046AACPZ-R7 Datasheet(HTML) 82 Page - Analog Devices |
|
82 / 88 page ![]() ADP1046A Data Sheet Rev. 0 | Page 82 of 88 RESONANT MODE OPERATION The ADP1046A supports control of a resonant converter. Resonant converters are an alternative to traditional fixed frequency converters. They offer high switching frequency, small size, and high efficiency. Figure 59 illustrates a widely used series resonant converter. QA QC QD QB CR LR IR IO SR2 SR1 CO RL Figure 59. Series Resonant Converter RESONANT MODE ENABLE To enable the ADP1046A to control a resonant switching con- verter, Register 0x40 must be set to a value of 0x3F. In resonant mode, the PWM outputs have a fixed duty cycle with variable frequency. PWM TIMING IN RESONANT MODE With variable frequency control, OUTA and OUTB can only be high during the first half of the switching cycle (tA to tB), whereas OUTC and OUTD can only be high during the second half of the switching cycle (tB to tC), as shown in Figure 60. The frequency resolution of the control law is in steps of 10 ns. PWM1 (OUTA) PWM2 (OUTB) PWM3 (OUTC) PWM4 (OUTD) tA tB tC Δt 1 Δt 2 Δt 3 Δt 4 Δt 5 Δt 6 Δt 7 Δt 8 tPERIOD tPERIOD Figure 60. OUTA, OUTB, OUTC, and OUTD PWM Timing Diagram in Resonant Mode SYNCHRONOUS RECTIFICATION IN RESONANT MODE Control of the synchronous rectifiers in a resonant controller is a complicated issue. The ADP1046A ACSNS comparator can be used to control the SR signals. In resonant mode operation, the SR1 output is driven by the rising edge of the ACSNS comparator, and the SR2 output is driven by the falling edge of the comparator, as shown in Figure 61. VDS (SR2) ACSNS SYNC RECT 1 (SR1) SYNC RECT 2 (SR2) tD tE tF Δt 9 Δt 10 Δt 11 Δt 12 Figure 61. SR1 and SR2 PWM Timing Diagram in Resonant Mode Following is an example of how the ADP1046A can be used in a series resonant topology and also achieve control of the synchro- nous rectifiers. The VDS voltage of SR2 (see Figure 61) can be used to control the SR signals. The ACSNS pin is connected to the divided-down SR2 VDS voltage. This provides the timing information for both synchronous rectifiers (see Figure 62). CR LR IR IO SR2 SR1 CO RL R1 R2 ACSNS Figure 62. Resonant Synchronous Rectifier Control Circuit After the timing information is obtained, SR1 is driven by the rising edge of the ACSNS comparator, and SR2 is driven by the falling edge of the comparator, as shown in Figure 61. In this way, it is possible to achieve synchronous rectification. Turn-on and turn-off delays can be programmed for the SR1 and SR2 signals individually. This example is not the only way to control the SR signals. If the user has another method to control the SR signals, this method can be used to connect to the ACSNS input instead of the VDS voltage of SR2. When the ADP1046A is used to control a resonant converter, it is recommended that SR soft start be disabled during soft start of the device (set Register 0x0F[7] = 1). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |