| Electronic Components Datasheet Search |
|
ADP1046AACPZ-R7 Datasheet(PDF) 77 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP1046AACPZ-R7 Datasheet(HTML) 77 Page - Analog Devices |
|
77 / 88 page ![]() Data Sheet ADP1046A Rev. 0 | Page 77 of 88 Table 113. Register 0x79—SR Delay Compensation Bits Bit Name R/W Description [7:6] Reserved R/W Reserved. [5:0] SR driver delay R/W These bits specify the 6-bit representation of the SR delay in steps of 5 ns. 000000 = 0 ns. 111111 = 63 ns × 5 ns = 315 ns. Table 114. Register 0x7A—Filter Transitions Bits Bit Name R/W Description [7:6] Reserved R/W Reserved. [5:3] HF ADC configuration R/W Set these bits to 001 at all times for proper operation. 2 Enable soft transition R/W Setting this bit enables a soft transition between filter settings to minimize output transients. All four parameters of each filter are linearly transitioned to the new value. [1:0] Transition speed R/W These bits set the transition speed from one filter to another. The filter changes in 32 steps; each step is applied at the multiple of switching cycles (t SW) specified by these bits. Bit 1 Bit 0 Speed (t SW = One Switching Cycle) 0 0 32 t SW (total transition time = 32 × 32 tSW = 1024 × tSW) 0 1 8 t SW (total transition time = 8 × 32 tSW = 256 × tSW) 1 0 2 t SW (total transition time = 64 × tSW) 1 1 1 t SW (total transition time = 32 × tSW) Table 115. Register 0x7B—PGOOD1 Flag Masking Bits Bit Name R/W Description 7 Soft start flag R/W If this bit is set to 1, the soft start flag is ignored by PGOOD1. This bit must be set to 0 to enable proper PGOOD1 debounce timing after the end of the soft start ramp. 6 CS1 fast OCP R/W If this bit is set to 1, the CS1 fast OCP flag is ignored by PGOOD1. 5 CS1 accurate OCP R/W If this bit is set to 1, the CS1 accurate OCP flag is ignored by PGOOD1. 4 CS2 accurate OCP R/W If this bit is set to 1, the CS2 accurate OCP flag is ignored by PGOOD1. 3 UVP R/W If this bit is set to 1, the UVP flag is ignored by PGOOD1. 2 Local OVP (fast and accurate) R/W If this bit is set to 1, the local OVP flag is ignored by PGOOD1. 1 Load OVP R/W If this bit is set to 1, the load OVP flag is ignored by PGOOD1. 0 OrFET R/W If this bit is set to 1, the OrFET flag is ignored by PGOOD1. Table 116. Register 0x7C—PGOOD2 Flag Masking Bits Bit Name R/W Description 7 Soft start flag R/W If this bit is set to 1, the soft start flag is ignored by PGOOD2. This bit must be set to 0 to enable proper PGOOD2 debounce timing after the end of the soft start ramp. 6 CS1 fast OCP R/W If this bit is set to 1, the CS1 fast OCP flag is ignored by PGOOD2. 5 CS1 accurate OCP R/W If this bit is set to 1, the CS1 accurate OCP flag is ignored by PGOOD2. 4 CS2 accurate OCP R/W If this bit is set to 1, the CS2 accurate OCP flag is ignored by PGOOD2. 3 UVP R/W If this bit is set to 1, the UVP flag is ignored by PGOOD2. 2 Local OVP (fast and accurate) R/W If this bit is set to 1, the local OVP flag is ignored by PGOOD2. 1 Load OVP R/W If this bit is set to 1, the load OVP flag is ignored by PGOOD2. 0 OrFET R/W If this bit is set to 1, the OrFET flag is ignored by PGOOD2. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |