Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP1046AACPZ-R7 Datasheet(PDF) 38 Page - Analog Devices

Part # ADP1046AACPZ-R7
Description  Digital Controller for Isolated Power Supply Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1046AACPZ-R7 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADP1046AACPZ-R7 Datasheet HTML 34Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 35Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 36Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 37Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 38Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 39Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 40Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 41Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 88 page
background image
ADP1046A
Data Sheet
Rev. 0 | Page 38 of 88
Command Overview
Data transfer using the I2C slave is established using commands.
All commands start with a slave address with the R/W bit cleared
(set to 0), followed by the command code (register address). All
commands supported by the ADP1046A follow one of the protocol
types shown in Figure 47 to Figure 53.
S
7-BIT SLAVE
ADDRESS
W
A
A
P
COMMAND CODE
= MASTER-TO-SLAVE
= SLAVE-TO-MASTER
Figure 47. Send Byte Protocol
S
7-BIT SLAVE
ADDRESS
W
A
A
A
P
COMMAND
CODE
DATA
BYTE
= MASTER-TO-SLAVE
= SLAVE-TO-MASTER
Figure 48. Write Byte Protocol
S
W
A
A
DATA
BYTE
HIGH
COMMAND
CODE
DATA
BYTE
LOW
A
A
P
= MASTER-TO-SLAVE
= SLAVE-TO-MASTER
Figure 49. Write Word Protocol
DATA BYTE
NA
P
S
W
A
A
COMMAND
CODE
Sr
R
A
= MASTER-TO-SLAVE
= SLAVE-TO-MASTER
Figure 50. Read Byte Protocol
DATA BYTE LOW
A
NA
P
DATA BYTE HIGH
S
W
A
A
COMMAND
CODE
Sr
R
A
= MASTER-TO-SLAVE
= SLAVE-TO-MASTER
Figure 51. Read Word Protocol
DATA BYTE 1
A
...
A
P
DATA BYTE N
S
7-BIT SLAVE
ADDRESS
W
A
A
BYTE
COUNT = N
COMMAND
CODE
A
= MASTER-TO-SLAVE
= SLAVE-TO-MASTER
Figure 52. Block Write Protocol
S
W
A
A
COMMAND
CODE
A
R
Sr
DATA
BYTE 1
A
A
...
NA
DATA
BYTE N
P
BYTE
COUNT = N
= MASTER-TO-SLAVE
= SLAVE-TO-MASTER
Figure 53. Block Read Protocol
Clock Generation and Stretching
The ADP1046A is always a slave in the overall system; therefore,
the device never needs to generate the clock, which is done by
the master device in the system. However, the I2C slave device is
capable of clock stretching to place the master in a wait state. By
stretching the SCL signal during the low period, the slave device
communicates to the master device that it is not ready and that
the master device must wait.
Conditions where the I2C slave device stretches the SCL line low
include the following:
•
The master device is transmitting at a higher baud rate
than the slave device.
•
The receive FIFO buffer of the slave device is full and must
be read before continuing. This prevents a data overflow
condition.
•
The slave device is not ready to send data that the master
has requested.
Note that the slave device can stretch the SCL line only during
the low period. Also, whereas the I2C specification allows indefinite
stretching of the SCL line, the ADP1046A limits the maximum
time that the SCL line can be stretched, or held low. For more
information about the maximum time, see the Timeout
Condition section.
Start and Stop Conditions
Start and stop conditions involve serial data transitions while the
serial clock is at a logic high level. The I2C slave device monitors
the SDA and SCL lines to detect the start and stop conditions
and transition its internal state machine accordingly. Typical
start and stop conditions are shown in Figure 54.
SCL
SDA
START
STOP
Figure 54. Start and Stop Transitions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com