| Electronic Components Datasheet Search |
|
ADP1046AACPZ-R7 Datasheet(PDF) 35 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP1046AACPZ-R7 Datasheet(HTML) 35 Page - Analog Devices |
|
35 / 88 page ![]() Data Sheet ADP1046A Rev. 0 | Page 35 of 88 Using the OTP Value The second option does not use the linearization scheme. Instead, the user programs an RTD current and sets the OTP threshold in millivolts. Due to the nonlinear nature of the NTC thermistor, it is best to use a resistor in parallel with the NTC thermistor to aid in the linearization of the voltage seen at the RTD pin. This procedure trims out the errors/tolerances in the NTC therm- istor and the external resistor. Calculation of the parallel resistor can be done by knowing the NTC resistance characteristic across various temperatures. To use this procedure, the temperatures and equivalent resistances of the NTC thermistor and parallel resistor combination must be known. In Figure 45, T2 is the OTP threshold that sets the OTP flag, and T1 is the temperature at which the OTP flag is cleared. RTD PIN VOLTAGE V2 V1 ADC CODE TEMPERATURE RTD PIN VOLTAGE V1 T1 T2 V2 Figure 45. RTD Pin Voltage, ADC Code, and Temperature The following procedure should be used: 1. Adjust the desired RTD current source, IRTD, as described in the Trimming the Current Source section. 2. Set the temperature to the OTP threshold. 3. Adjust the offset trim registers (Register 0x1C and Register 0x20) until the reading in Register 0x1A is the same as V2 (in mV). 4. Set the OTP threshold (Register 0x2F) to the value of V2. 5. Set the temperature to the hysteresis point where the OTP flag is cleared. 6. Adjust the temperature gain trim register (Register 0x2B) until the correct voltage is seen in Register 0x1A. The ADC is now trimmed and is linear between the two temperatures of interest. This procedure achieves the most accurate OTP because it takes into account the part-to-part variations of the ADP1046A and the tolerances of the thermistor being used. ACSNS CALIBRATION AND TRIM The ACSNS feedforward ADC (see Figure 19) is used for voltage line feedforward and cannot be trimmed by the user. The ACSNS slow ADC requires a gain trim. Enable the power supply with full load current at the nominal input voltage. The secondary peak reverse voltage on the output rectifiers is filtered by an external RCD circuit (see Figure 19). To trim the ACSNS ADC, the user can reverse-calculate the primary voltage as follows: VPRIMARY = Vx × (R1 + R2)/R2 × (N1/N2) where: Vx is the voltage at the ACSNS pin. N1/N2 is the turns ratio. The ACSNS gain trim register (Register 0x5E) is adjusted until this calculated voltage is equal to the desired primary input voltage. Another way to trim the ACSNS ADC uses the average second- ary voltage. With known values for the nominal input voltage, transformer turns ratio, and resistor dividers at the ACSNS pin, the ACSNS gain trim register (Register 0x5E) is adjusted to give code 2560 decimal (0xA00). ADC Code = Vx/1.6 × 4096 where Vx is the voltage at the ACSNS pin. The resistors in Figure 19 are sized such that the first time constant, RC, is long enough to prevent overcharging of the capacitor (roughly 200 ns in a typical application), whereas the second time constant, (R1 + R2) × C, is long enough to keep the average voltage constant during the rectifier off time. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |