| Electronic Components Datasheet Search |
|
ADP1046AACPZ-R7 Datasheet(PDF) 80 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP1046AACPZ-R7 Datasheet(HTML) 80 Page - Analog Devices |
|
80 / 88 page ![]() ADP1046A Data Sheet Rev. 0 | Page 80 of 88 Table 128. Register 0x8A—EEPROM_INFO Bits Bit Name Type Description Variable EEPROM_INFO Block read Block read from the EEPROM INFO block. Table 129. Register 0x8B—EEPROM_DATA_00 Bits Bit Name Type Description Variable EEPROM_DATA_00 Block read Block read from the EEPROM main block, Page 0. The EEPROM must first be unlocked. This page contains the factory default settings. Table 130. Register 0x8C—EEPROM_DATA_01 Bits Bit Name Type Description Variable EEPROM_DATA_01 Block read Block read from the EEPROM main block, Page 1. The EEPROM must first be unlocked. This page contains the user settings. Table 131. Register 0x8D—EEPROM_DATA_02 Bits Bit Name Type Description Variable EEPROM_DATA_02 Block read Block read from the EEPROM main block, Page 2. This page contains internal settings and should not be written to or erased. Table 132. Register 0x8E—EEPROM_DATA_03 Bits Bit Name Type Description Variable EEPROM_DATA_03 Block read Block read from the EEPROM main block, Page 3. This page contains internal settings and should not be written to or erased. Table 133. Register 0x8F—EEPROM_DATA_04 Bits Bit Name Type Description Variable EEPROM_DATA_04 Block read/ write Block read or write from the EEPROM main block, Page 4. To write to this page, the EEPROM must first be unlocked. This page is available to the user for storing data. Table 134. Register 0x90—EEPROM_DATA_05 Bits Bit Name Type Description Variable EEPROM_DATA_05 Block read/ write Block read or write from the EEPROM main block, Page 5. To write to this page, the EEPROM must first be unlocked. This page is available to the user for storing data. Table 135. Register 0x91—EEPROM_DATA_06 Bits Bit Name Type Description Variable EEPROM_DATA_06 Block read/ write Block read or write from the EEPROM main block, Page 6. To write to this page, the EEPROM must first be unlocked. This page is available to the user for storing data. Table 136. Register 0x92—EEPROM_DATA_07 Bits Bit Name Type Description Variable EEPROM_DATA_07 Block read/ write Block read or write from the EEPROM main block, Page 7. To write to this page, the EEPROM must first be unlocked. This page is available to the user for storing data. Table 137. Register 0x93—EEPROM_DATA_08 Bits Bit Name Type Description Variable EEPROM_DATA_08 Block read/ write Block read or write from the EEPROM main block, Page 8. To write to this page, the EEPROM must first be unlocked. This page is available to the user for storing data. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |