| Electronic Components Datasheet Search |
|
TNETX4090GGP Datasheet(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX4090GGP Datasheet(HTML) 13 Page - Texas Instruments |
|
13 / 78 page ![]() TNETX4090 ThunderSWITCH II™ 9-PORT 100-/1000-MBIT/S ETHERNET™ SWITCH SPWS044E – DECEMBER 1997 – REVISED AUGUST 1999 13 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 Terminal Functions (Continued) 10-/100-Mbit/s MAC interface (MII mode) (ports 0–7) (continued) TERMINAL I/O INTERNAL DESCRIPTION NAME NO. I/O RESISTOR DESCRIPTION M00_RXER M01_RXER M02_RXER M03_RXER M04_RXER M05_RXER M06_RXER M07_RXER C19 C14 B9 B4 L4 T3 AA2 AD8 I Pulldown Receive error. Indicates reception of a coding error on received data. M00_TCLK M01_TCLK M02_TCLK M03_TCLK M04_TCLK M05_TCLK M06_TCLK M07_TCLK B23 C17 C13 A8 F1 L2 T1 AD4 I Pullup Transmit clock. Transmit clock source from the attached PHY or PMI device. M00_TXD3 M00_TXD2 M00_TXD1 M00_TXD0 M01_TXD3 M01_TXD2 M01_TXD1 M01_TXD0 M02_TXD3 M02_TXD2 M02_TXD1 M02_TXD0 M03_TXD3 M03_TXD2 M03_TXD1 M03_TXD0 M04_TXD3 M04_TXD2 M04_TXD1 M04_TXD0 M05_TXD3 M05_TXD2 M05_TXD1 M05_TXD0 M06_TXD3 M06_TXD2 M06_TXD1 M06_TXD0 M07_TXD3 M07_TXD2 M07_TXD1 M07_TXD0 C22 B22 A22 A23 C18 B18 A18 A19 D12 C12 B12 A12 D7 C7 B7 A7 G4 G3 G2 G1 M4 M3 M2 M1 U4 U3 U2 U1 AC5 AD5 AE5 AF5 O None Transmit data. Byte transmit data. When Mxx_TXEN is asserted, these signals carry transmit data. Data on these signals is synchronous to Mxx_TCLK. When Mxx_TXEN, Mxx_TXER, and Mxx_LINK are all low, these terminals indicate the desired capabilities for autonegotiation as follows: – Mxx_TXD0 indicates full-duplex capability when high; half duplex when low, as determined by reqhd in PortxControl. – Mxx_TXD1 indicates IEEE Std 802.3 pause frame support when high; no pause when low, as determined by reqnp in PortxControl. – Mxx_TXD2 indicates 100 Mbit/s when high; 10 Mbit/s when low, as determined by req10 in PortxControl. – Mxx_TXD3 is unused and is 0. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |