| Electronic Components Datasheet Search |
|
TNETX4090GGP Datasheet(PDF) 59 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX4090GGP Datasheet(HTML) 59 Page - Texas Instruments |
|
59 / 78 page ![]() TNETX4090 ThunderSWITCH II™ 9-PORT 100-/1000-MBIT/S ETHERNET™ SWITCH SPWS044E – DECEMBER 1997 – REVISED AUGUST 1999 59 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 internal wrap test (continued) TNETX4090 08 07 06 05 04 03 02 01 00 NM Figure 13. Internal Wrap Example The operational status of the PHYs or external connections to the device do not have to be considered or assumed good, when in internal loopback mode. duplex wrap test Duplex wrap test is similar to internal wrap mode (see Figure 13). The ports can be set to accept frame data that is wrapped at the PHY. This permits network connections between the device and the PHY to be verified. Any port can be the source port (not just the NM port as shown in Figure 14). By using multicast/broadcast frames, traffic can be routed selectively between ports involved in the test or return the frame directly before retransmission on the uplink. Software control of the external PHYs is required to configure them for loopback. If the internal PCS is in use (port configured in PMA mode) loopback in PCSxControl also must be asserted. This causes Mxx_EWRAP to be high, forcing external PMD into loopback mode. Duplex frame-wrap test mode is selected by setting dpwrap in SysTest. When selected, the port is forced into full duplex, allowing it to receive frames it transmits. The switch is configured in the same manner as internal wrap. TNETX4090 08 07 06 05 04 03 02 01 00 NM PHY PHY Figure 14. Duplex Wrap Example |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |