| Electronic Components Datasheet Search |
|
TNETX4090GGP Datasheet(PDF) 9 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX4090GGP Datasheet(HTML) 9 Page - Texas Instruments |
|
9 / 78 page ![]() TNETX4090 ThunderSWITCH II™ 9-PORT 100-/1000-MBIT/S ETHERNET™ SWITCH SPWS044E – DECEMBER 1997 – REVISED AUGUST 1999 9 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 Terminal Functions (Continued) 100-/1000-Mbit/s MAC interface [physical media attachment (PMA) mode] TERMINAL NAME I/O INTERNAL RESISTOR DESCRIPTION M08_COL I Pulldown Receive byte clock 1. M08_COL is used to input receive byte clock 1 from the attached SERDES device. M08_CRS I Pulldown Unused. This terminal can be left unconnected. M08_EWRAP O None Enable wrap. Output to attached SERDES device used to enable loopback testing of that device. M08_EWRAP is asserted when loopback in PCSxControl = 1. M08_GTCLK O None Transmit clock. Transmit clock output to attached SERDES device. M08_LINK I Pulldown Signal detect. This can be connected to the signal detect output from the external SERDES device. – If M08_LINK = 0, there is no signal. – If M08_LINK = 1, signal is present. M08_LREF O None Lock to reference. M08_LREF is asserted low during hard reset or when lckref in PortxControl = 1. It is used by the external SERDES device to lock to its reference clock. M08_RCLK I Pullup Receive byte clock 0. M08_RCLK is used to input receive byte clock 0 from the attached SERDES device. M08_RFCLK I Pullup Reference clock. Reference clock, used as the clock source for the transmit side of this port and to generate M08_GTCLK. M08_RFCLK provides the clock source for the entire internal PCS sublayer. M08_RXD7 M08_RXD6 M08_RXD5 M08_RXD4 M08_RXD3 M08_RXD2 M08_RXD1 M08_RXD0 I Pullup Receive data. Least significant eight bits of the 10-bit receive code group. Even-numbered code groups are latched with M08_COL, and odd-numbered code groups are latched with M08_RCLK. M08_RXDV I Pulldown Receive data valid. M08_RXDV is used to receive the 9th bit of the 10-bit PMA code groups. Even-numbered code groups are latched with M08_COL, and odd-numbered code groups are latched with M08_RCLK. M08_RXER I Pulldown Receive error. M08_RXER is used to receive the 10th bit of the 10-bit PMA code groups. Even-numbered code groups are latched with M08_COL, and odd-numbered code groups are latched with M08_RCLK. M08_TXD7 M08_TXD6 M08_TXD5 M08_TXD4 M08_TXD3 M08_TXD2 M08_TXD1 M08_TXD0 O None Transmit data. Least significant eight bits of the 10-bit transmit code group. Data on these signals is synchronous to M08_GTCLK. M08_TXEN O None Transmit enable. M08_TXEN is used to transmit the 9th bit of the 10-bit PMA code groups. Data on this signal is synchronous to M08_GTCLK. M08_TXER O None Transmit error. M08_TXER is used to transmit the 10th bit of the 10-bit PMA code groups. Data on this signal is synchronous to M08_GTCLK. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |