| Electronic Components Datasheet Search |
|
TNETX4090GGP Datasheet(PDF) 38 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX4090GGP Datasheet(HTML) 38 Page - Texas Instruments |
|
38 / 78 page ![]() TNETX4090 ThunderSWITCH II™ 9-PORT 100-/1000-MBIT/S ETHERNET™ SWITCH SPWS044E – DECEMBER 1997 – REVISED AUGUST 1999 38 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 pretagging and extended port awareness The TNETX4090 can be incorporated into a hierarchical system, whereby this port is connected to a crossbar matrix with up to 17 1000-Mbit/s ports. By making this TNETX4090 aware of the ports on the crossbar matrix, the crossbar matrix does not need to make any forwarding or filtering decisions, and can be relatively inexpensive. To facilitate this, three forms of tags are provided on this port: D Pretag on transmission – containing the source port of the frame and a vector indicating the ports on the crossbar matrix for which the frame is destined. D Pretag on reception (learning format) – containing the source port of the frame on the crossbar matrix. D Pretag on reception (directed format) – containing a vector indicating the ports on this TNETX4090 for which the frame is destined. The information contained within these tags also enables the TNETX4090 to be incorporated in a system where routing decisions are made at a higher level. Use of pretagging is enabled by setting pretag in the appropriate PortxControl register. pretag on transmission Port 8 provides the frame source port and crossbar matrix destination port vector over eight cycles, beginning with the first cycle that M08_TXEN is high. The pretag takes the form of a 32-bit value (divided into eight nibbles), with each nibble being replicated on M08_TXD3–M08_TXD0 and M08_TXD7–M08_TXD4. This replaces the preamble and sof delimiter normally generated at this time. Figure 5 shows the timing relationship and Table 10 shows the fields within the tag. 3–0 7–4 11–8 15–12 19–16 23–20 27–24 31–28 Frame Data M08_TXD7– M08_TXD4 3–0 7–4 11–8 15–12 19–16 23–20 27–24 31–28 Frame Data M08_TXD3– M08_TXD0 M08_TXEN M08_GTCLK NOTE A: Ranges (e.g., 3–0) indicate which bits of the 32-bit pretag are output in each cycle. Figure 5. Transmit Pretag Timing |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |