| Electronic Components Datasheet Search |
|
TNETX4090GGP Datasheet(PDF) 36 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX4090GGP Datasheet(HTML) 36 Page - Texas Instruments |
|
36 / 78 page ![]() TNETX4090 ThunderSWITCH II™ 9-PORT 100-/1000-MBIT/S ETHERNET™ SWITCH SPWS044E – DECEMBER 1997 – REVISED AUGUST 1999 36 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 100-/1000-Mbit/s PHY interface (port 8) This port is controlled by an IEEE Std 802.3-compliant MAC. speed, duplex, and flow-control negotiation When in PMA mode and autonegotiation is enabled, the on-chip PCS layer attempts to establish a compatible mode of operation with the attached serializer/deserializer (SERDES). If manual override has been established, no autonegotiation takes place and the interface mode of operation is determined by the values in Port8Control. The PCS layer may be forced to start autonegotiation by writing a 0 and then a 1 to the neg bit in Port8Control, but, alternatively, you could hit the newaneg bit in PCS8Control. Figure 4 shows how the gigabit port on the TNETX4090 can be connected to a SERDES device. Table 1 gives a description of the device terminals. M08_RXD0–M08_RXD7 Tie to Signal Detect Terminal of Optical Receiver, SERDES Device, or to VCC Serial Data Output Serial Data Input M08_TXD0–M08_TXD7 M08_TXEN M08_TXER TD0–TD7 TD8 TD9 SYNC NC VCC SYNCEN M08_EWRAP M08_LINK TNETX4090 Gigabit Port Terminals TNETE2201 (SERDES Device) M08_LREF M08_COL M08_RCLK M08_RXDV M08_RXER M08_GTCLK M08_RFCLK LOOPEN RD0–RD7 RD8 RD9 DOUT_TXP DOUT_TXN DIN_RXP DIN_RXN LCKREFN RBC1 RBC0 RFCLK 125-MHz Clock NOTE: The SYNC output from the SERDES device is not used by the TNETX4090. The SYNCEN input on the SERDES device must be tied high (enabled) for proper operation. The M08_LINK terminal on the TNETX4090 must be tied to the signal detect terminal of an attached optical receiver or tied high if a comparable terminal is unavailable. Figure 4. TNETX4090 Gigabit Port to SERDES Device Connections |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |