Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F5630ECDFB Datasheet(PDF) 162 Page - Renesas Technology Corp

Part # R5F5630ECDFB
Description  Renesas MCUs
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5630ECDFB Datasheet(HTML) 162 Page - Renesas Technology Corp

Back Button R5F5630ECDFB Datasheet HTML 157Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 158Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 159Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 160Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 161Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 162Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 163Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 164Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 165Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 162 / 165 page
background image
R01DS0060EJ0100 Rev.1.00
Page 162 of 168
Sep 13, 2011
RX630 Group
Appendix 1. Package Dimensions
Figure F 100 Pin TFLGA (PTLG0100KA-A)
0.5
ZE
ZD
0.5
0.29
0.25
0.21
b
e
b1
y
0.10
0.5
x
A
1.05
E
5.5
D
5.5
Reference
Symbol
Dimension in Millimeters
Min
Nom
Max
0.29
0.34
0.39
0.08
w
0.20
v
0.15
Previous Code
JEITA Package Code
RENESAS Code
PTLG0100KA-A
100F0M
MASS[Typ.]
0.1g
P-TFLGA100-5.5x5.5-0.50
S
wA
v
(Laser mark)
Index mark
Index mark
S
y
S
A
e
φ b
φ b1
φ
× MS AB
φ
× MS AB
B
10
9
8
7
6
5
4
3
2
1
K
J
H
G
F
E
D
C
B
A
A
ZD
D
×4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com