Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F5630ECDFB Datasheet(PDF) 119 Page - Renesas Technology Corp

Part # R5F5630ECDFB
Description  Renesas MCUs
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5630ECDFB Datasheet(HTML) 119 Page - Renesas Technology Corp

Back Button R5F5630ECDFB Datasheet HTML 115Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 116Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 117Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 118Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 119Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 120Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 121Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 122Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 123Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 165 page
background image
R01DS0060EJ0100 Rev.1.00
Page 119 of 168
Sep 13, 2011
RX630 Group
5. Electrical Characteristics
Note 1. The input leakage current value at the EMLE pin is only when Vin = 0 V.
Table 5.3
DC Characteristics (2)
Conditions: VCC = AVCC0 = VCC_USB = 2.7 to 3.6 V, VREFH/VREFH0 = 2.7 V to AVCC0,
VSS = AVSS0 = VREFL/VREFL0 = VSS_USB = 0 V, Ta = Topr
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Output high voltage
All output pins
VOH
VCC – 0.5
—
—
V
IOH = –1 mA
Output low voltage
All output pins
(except for RIIC pins)
VOL
——0.5
V
IOL = 1.0 mA
RIIC pins
—
—
0.4
V
IOL = 3.0 mA
——0.6
IOL = 6.0 mA
RIIC pins
(only P12 and P13 in channel 0)
VOL
——0.4
V
IOL = 15.0 mA
(ICFER.FMPE = 1)
—0.4
—
IOL = 20.0 mA
(ICFER.FMPE = 1)
Input leakage
current
RES#, MD pin, EMLE*1, NMI
I
in
——1.0
µA
Vin = 0 V
Vin = VCC
Three-state leakage
current (off state)
Other than ports for 5 V tolerant
I
TSI
——1.0
µA
Vin = 0 V
Vin = VCC
Ports for 5 V tolerant
—
—
5.0
Input pull-up MOS
current
Ports 0 to 2, 30 to 34, 36, 37, 4
to G, H4, H5, J3, J5, K, L
Ip
–300
—
–10
µA
VCC= 2.7 to 3.6 V
Vin = 0 V
Input capacitance
All input pins
(except for ports 12, 13, 16, 17,
20, 21, 4, C0, C1, and EMLE)
Cin
——15
pF
Vin = 0 V
f = 1 MHz
Ta = 25°C
Ports 12, 13, 16, 17, 20, 21, 4,
C0, C1, EMLE
——30
Input pull-down
MOS current
EMLE
Ip
10
—
300
µA
Vin = VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com