Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F5630ECDFB Datasheet(PDF) 110 Page - Renesas Technology Corp

Part # R5F5630ECDFB
Description  Renesas MCUs
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5630ECDFB Datasheet(HTML) 110 Page - Renesas Technology Corp

Back Button R5F5630ECDFB Datasheet HTML 106Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 107Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 108Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 109Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 110Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 111Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 112Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 113Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 114Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 165 page
background image
R01DS0060EJ0100 Rev.1.00
Page 110 of 168
Sep 13, 2011
RX630 Group
4. I/O Registers
0008 C40Ah
RTC
Date counter
RDAYCNT
8
8
2, 3 PCLKB
2 ICLK
0008 C40Ch
RTC
Month counter
RMONCNT
8
8
2, 3 PCLKB
2 ICLK
0008 C40Eh
RTC
Year counter
RYRCNT
16
16
2, 3 PCLKB
2 ICLK
0008 C410h
RTC
Second alarm register
RSECAR
8
8
2, 3 PCLKB
2 ICLK
0008 C412h
RTC
Minute alarm register
RMINAR
8
8
2, 3 PCLKB
2 ICLK
0008 C414h
RTC
Hour alarm register
RHRAR
8
8
2, 3 PCLKB
2 ICLK
0008 C416h
RTC
Day-of-week alarm register
RWKAR
8
8
2, 3 PCLKB
2 ICLK
0008 C418h
RTC
Date alarm register
RDAYAR
8
8
2, 3 PCLKB
2 ICLK
0008 C41Ah
RTC
Month alarm register
RMONAR
8
8
2, 3 PCLKB
2 ICLK
0008 C41Ch
RTC
Year alarm register
RYRAR
16
16
2, 3 PCLKB
2 ICLK
0008 C41Eh
RTC
Year alarm enable register
RYRAREN
8
8
2, 3 PCLKB
2 ICLK
0008 C422h
RTC
RTC control register 1
RCR1
8
8
2, 3 PCLKB
2 ICLK
0008 C424h
RTC
RTC control register 2
RCR2
8
8
2, 3 PCLKB
2 ICLK
0008 C426h
RTC
RTC control register 3
RCR3
8
8
2, 3 PCLKB
2 ICLK
0008 C428h
RTC
RTC control register 4
RCR4
8
8
2, 3 PCLKB
2 ICLK
0008 C42Ah
RTC
Frequency register H
RFRH
16
16
2, 3 PCLKB
2 ICLK
0008 C42Ch
RTC
Frequency register L
RFRL
16
16
2, 3 PCLKB
2 ICLK
0008 C42Eh
RTC
Time error adjustment register
RADJ
8
8
2, 3 PCLKB
2 ICLK
0008 C440h
RTC
Time capture control register 0
RTCCR0
8
8
2, 3 PCLKB
2 ICLK
0008 C442h
RTC
Time capture control register 1
RTCCR1
8
8
2, 3 PCLKB
2 ICLK
0008 C444h
RTC
Time capture control register 2
RTCCR2
8
8
2, 3 PCLKB
2 ICLK
0008 C452h
RTC
Second capture register 0
RSECCP0
8
8
2, 3 PCLKB
2 ICLK
0008 C454h
RTC
Minute capture register 0
RMINCP0
8
8
2, 3 PCLKB
2 ICLK
0008 C456h
RTC
Hour capture register 0
RHRCP0
8
8
2, 3 PCLKB
2 ICLK
0008 C45Ah
RTC
Date capture register 0
RDAYCP0
8
8
2, 3 PCLKB
2 ICLK
0008 C45Ch
RTC
Month capture register 0
RMONCP0
8
8
2, 3 PCLKB
2 ICLK
0008 C462h
RTC
Second capture register 1
RSECCP1
8
8
2, 3 PCLKB
2 ICLK
0008 C464h
RTC
Minute capture register 1
RMINCP1
8
8
2, 3 PCLKB
2 ICLK
0008 C466h
RTC
Hour capture register 1
RHRCP1
8
8
2, 3 PCLKB
2 ICLK
0008 C46Ah
RTC
Date capture register 1
RDAYCP1
8
8
2, 3 PCLKB
2 ICLK
0008 C46Ch
RTC
Month capture register 1
RMONCP1
8
8
2, 3 PCLKB
2 ICLK
0008 C472h
RTC
Second capture register 2
RSECCP2
8
8
2, 3 PCLKB
2 ICLK
0008 C474h
RTC
Minute capture register 2
RMINCP2
8
8
2, 3 PCLKB
2 ICLK
0008 C476h
RTC
Hour capture register 2
RHRCP2
8
8
2, 3 PCLKB
2 ICLK
0008 C47Ah
RTC
Date capture register 2
RDAYCP2
8
8
2, 3 PCLKB
2 ICLK
0008 C47Ch
RTC
Month capture register 2
RMONCP2
8
8
2, 3 PCLKB
2 ICLK
0008 C500h
TEMPS
Temperature sensor control register
TSCR
8
8
2, 3 PCLKB
2 ICLK
0008 C880h
SYSTEM
Count clock extended register 1
SCK1
8
8
2, 3 PCLKB
2 ICLK
0008 C890h
SYSTEM
Count clock extended register 2
SCK2
8
8
2, 3 PCLKB
2 ICLK
0009 0200h to
0009 03FFh
CAN0
Mailbox registers 0 to 31
MB0 to 31
128
8, 16, 32
2, 3 PCLKB
2 ICLK
0009 0400h to
0009 041Fh
CAN0
Mask registers 0 to 7
MKR0 to 7
32
8, 16, 32
2, 3 PCLKB
2 ICLK
0009 0420h
CAN0
FIFO received ID compare register 0
FIDCR0
32
8, 16, 32
2, 3 PCLKB
2 ICLK
0009 0424h
CAN0
FIFO received ID compare register 1
FIDCR1
32
8, 16, 32
2, 3 PCLKB
2 ICLK
0009 0428h
CAN0
Mask invalid register
MKIVLR
32
8, 16, 32
2, 3 PCLKB
2 ICLK
0009 042Ch
CAN0
Mailbox interrupt enable register
MIER
32
8, 16, 32
2, 3 PCLKB
2 ICLK
0009 0820h to
0009 083Fh
CAN0
Message control registers 0 to 31
MCTL0 to 31
8
8
2, 3 PCLKB
2 ICLK
0009 0840h
CAN0
Control register
CTLR
16
8, 16
2, 3 PCLKB
2 ICLK
0009 0842h
CAN0
Status register
STR
16
8, 16
2, 3 PCLKB
2 ICLK
Table 4.1
List of I/O Registers (Address Order) (34/39)
Address
Module
Symbol
Register Name
Register Symbol
Number
of Bits
Access
Size
Number of Access States
ICLK
PCLK
ICLK
 PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com