Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6284G. Datasheet(PDF) 4 Page - ON Semiconductor

Part # 2N6284G.
Description  Darlington Complementary Silicon Power Transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6284G. Datasheet(HTML) 4 Page - ON Semiconductor

  2N6284G. Datasheet HTML 1Page - ON Semiconductor 2N6284G. Datasheet HTML 2Page - ON Semiconductor 2N6284G. Datasheet HTML 3Page - ON Semiconductor 2N6284G. Datasheet HTML 4Page - ON Semiconductor 2N6284G. Datasheet HTML 5Page - ON Semiconductor 2N6284G. Datasheet HTML 6Page - ON Semiconductor 2N6284G. Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2N6284 (NPN); 2N6286, 2N6287 (PNP)
http://onsemi.com
4
ACTIVE−REGION SAFE OPERATING AREA
50
Figure 5. 2N6284, 2N6287
20
2.0
0.05
50
100
0.2
5.0
0.5
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
10
1.0
0.1
2.0
5.0
20
10
0.1 ms
SECOND BREAKDOWN LIMITED
BONDING WIRE LIMITED
THERMAL LIMITATION @ TC = 25°C
SINGLE PULSE
TJ = 200°C
dc
5.0 ms
1.0 ms
0.5 ms
There are two limitations on the power handling ability of
a transistor: average junction temperature and second
breakdown. Safe operating area curves indicate IC − VCE
limits of the transistor that must be observed for reliable
operation; i.e. the transistor must not be subjected to greater
dissipation than the curves indicate.
The data of Figure 5 is based on TJ(pk) = 200_C; TC is
variable depending on conditions. Second breakdown pulse
limits are valid for duty cycles to 10% provided
TJ(pk) < 200_C. TJ(pk) may be calculated from the data in
Figure 4. At high case temperatures, thermal limitations will
reduce the power that can be handled to values less than the
limitations imposed by second breakdown.
10,000
1.0
Figure 6. Small−Signal Current Gain
f, FREQUENCY (kHz)
10
2.0
5.0 10
20
50 100
200
1000
500
100
5000
20
200
500
2000
1000
50
TJ = 25°C
VCE = 3.0 Vdc
IC = 10 A
1000
0.1
Figure 7. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
100
1.0
2.0
5.0
20
100
10
500
300
200
Cib
Cob
50
0.2
0.5
2N6284 (NPN)
2N6287 (PNP)
TJ = 25°C
700
2N6284 (NPN)
2N6287 (PNP)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com