Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6284G. Datasheet(PDF) 6 Page - ON Semiconductor

Part # 2N6284G.
Description  Darlington Complementary Silicon Power Transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6284G. Datasheet(HTML) 6 Page - ON Semiconductor

  2N6284G. Datasheet HTML 1Page - ON Semiconductor 2N6284G. Datasheet HTML 2Page - ON Semiconductor 2N6284G. Datasheet HTML 3Page - ON Semiconductor 2N6284G. Datasheet HTML 4Page - ON Semiconductor 2N6284G. Datasheet HTML 5Page - ON Semiconductor 2N6284G. Datasheet HTML 6Page - ON Semiconductor 2N6284G. Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
2N6284 (NPN); 2N6286, 2N6287 (PNP)
http://onsemi.com
6
+5.0
Figure 11. Temperature Coefficients
IC, COLLECTOR CURRENT (AMP)
0.2 0.3
1.0
2.0 3.0
5.0 7.0
20
+4.0
+3.0
+1.0
0
-4.0
-1.0
-2.0
-3.0
-5.0
qVB for VBE
*
qVC for VCE(sat)
-55
°C to + 25°C
25
°C to 150°C
25
°C to + 150°C
0.5
0.7
+5.0
IC, COLLECTOR CURRENT (AMP)
+4.0
+3.0
+1.0
0
-4.0
-1.0
-2.0
-3.0
-5.0
qVB for VBE
*
qVC for VCE(sat)
NPN
2N6284
PNP
2N6287
*APPLIES FOR IC/IB ≤
hFE @VCE + 3.0 V
250
-55
°C to + 25°C
*APPLIES FOR IC/IB ≤
hFE @VCE + 3.0 V
250
-55
°C to + 25°C
25
°C to 150°C
25
°C to + 150°C
-55
°C to + 25°C
10
0.2 0.3
1.0
2.0
3.0
5.0 7.0
20
0.5
0.7
10
+2.0
+2.0
REVERSE
FORWARD
105
Figure 12. Collector Cut−Off Region
VBE, BASE-EMITTER VOLTAGE (VOLTS)
102
101
100
10-1
-0.2 -0.4
0
+0.2
+0.4
+0.6
VCE = 30 V
TJ = 150°C
100
°C
25
°C
REVERSE
FORWARD
103
104
-0.6 -0.8
-1.0 -1.2 -1.4
103
VBE, BASE-EMITTER VOLTAGE (VOLTS)
100
10-1
10-2
10-3
101
102
+0.2 +0.4
0
-0.2
-0.4
-0.6
+0.6 +0.8
+1.0 +1.2 + 1.4
VCE = 30 V
TJ = 150°C
100
°C
25
°C
Figure 13. Darlington Schematic
NPN
2N6284
PNP
2N6287
BASE
COLLECTOR
EMITTER
[ 8.0 k
[ 60
BASE
COLLECTOR
EMITTER
[ 8.0 k
[ 60



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com