Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6284G. Datasheet(PDF) 1 Page - ON Semiconductor

Part # 2N6284G.
Description  Darlington Complementary Silicon Power Transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6284G. Datasheet(HTML) 1 Page - ON Semiconductor

  2N6284G. Datasheet HTML 1Page - ON Semiconductor 2N6284G. Datasheet HTML 2Page - ON Semiconductor 2N6284G. Datasheet HTML 3Page - ON Semiconductor 2N6284G. Datasheet HTML 4Page - ON Semiconductor 2N6284G. Datasheet HTML 5Page - ON Semiconductor 2N6284G. Datasheet HTML 6Page - ON Semiconductor 2N6284G. Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2008
September, 2008 − Rev. 4
1
Publication Order Number:
2N6284/D
2N6284 (NPN); 2N6286,
2N6287 (PNP)
Preferred Device
Darlington Complementary
Silicon Power Transistors
These packages are designed for general−purpose amplifier and
low−frequency switching applications.
Features
• High DC Current Gain @ IC = 10 Adc −
hFE = 2400 (Typ) − 2N6284
= 4000 (Typ) − 2N6287
• Collector−Emitter Sustaining Voltage −
VCEO(sus) = 100 Vdc (Min)
• Monolithic Construction with Built−In Base−Emitter Shunt Resistors
• Pb−Free Packages are Available*
MAXIMUM RATINGS (Note 1)
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
2N6286
2N6284/87
VCEO
80
100
Vdc
Collector−Base Voltage
2N6286
2N6284/87
VCB
80
100
Vdc
Emitter−Base Voltage
VEB
5.0
Vdc
Collector Current − Continuous
Peak
IC
20
40
Adc
Base Current
IB
0.5
Adc
Total Power Dissipation @ TC = 25°C
Derate above 25°C
PD
160
0.915
W
W/°C
Operating and Storage Temperature
Range
TJ, Tstg
−65 to + 200
°C
THERMAL CHARACTERISTICS (Note 1)
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
RqJC
1.09
°C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Indicates JEDEC Registered Data.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
20 AMPERE
COMPLEMENTARY SILICON
POWER TRANSISTORS
100 VOLTS, 160 WATTS
TO−204AA (TO−3)
CASE 1−07
STYLE 1
MARKING DIAGRAM
2N628x
= Device Code
x = 4, 6 or 7
G= Pb−Free Package
A
= Location Code
YY
= Year
WW
= Work Week
MEX
= Country of Orgin
2N628xG
AYYWW
MEX
Device
Package
Shipping
ORDERING INFORMATION
2N6284
TO−3
100 Units/Tray
2N6284G
TO−3
(Pb−Free)
100 Units/Tray
2N6286
TO−3
100 Units/Tray
2N6286G
TO−3
(Pb−Free)
100 Units/Tray
2N6287
TO−3
100 Units/Tray
2N6287G
TO−3
(Pb−Free)
100 Units/Tray
COLLECTOR
CASE
BASE
1
EMITTER 2
2
1


Similar Part No. - 2N6284G.

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6284G. ONSEMI-2N6284G. Datasheet
129Kb / 7P
Darlington ComplementarySilicon Power Transistors
September, 2008 ??Rev. 4
More results

Similar Description - 2N6284G.

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BDW83C STMICROELECTRONICS-BDW83C Datasheet
67Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jun-1997
logo
Boca Semiconductor Corp...
2N6298 BOCA-2N6298 Datasheet
184Kb / 4P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
logo
STMicroelectronics
BDX87C STMICROELECTRONICS-BDX87C Datasheet
70Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jun-1997
logo
Central Semiconductor C...
2N6034 CENTRAL-2N6034 Datasheet
346Kb / 2P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
2N6053 CENTRAL-2N6053 Datasheet
55Kb / 1P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
TIP100 CENTRAL-TIP100 Datasheet
70Kb / 1P
Silicon Power darlington Complementary transistors
MJ4032 CENTRAL-MJ4032 Datasheet
582Kb / 2P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
PMD18K CENTRAL-PMD18K Datasheet
488Kb / 2P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
logo
ON Semiconductor
BDW42G ONSEMI-BDW42G Datasheet
89Kb / 7P
Darlington Complementary Silicon Power Transistors
August, 2016 ??Rev. 17
logo
Tiger Electronic Co.,Lt...
MJD112 TGS-MJD112 Datasheet
204Kb / 1P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com