Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6284G. Datasheet(PDF) 5 Page - ON Semiconductor

Part # 2N6284G.
Description  Darlington Complementary Silicon Power Transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6284G. Datasheet(HTML) 5 Page - ON Semiconductor

  2N6284G. Datasheet HTML 1Page - ON Semiconductor 2N6284G. Datasheet HTML 2Page - ON Semiconductor 2N6284G. Datasheet HTML 3Page - ON Semiconductor 2N6284G. Datasheet HTML 4Page - ON Semiconductor 2N6284G. Datasheet HTML 5Page - ON Semiconductor 2N6284G. Datasheet HTML 6Page - ON Semiconductor 2N6284G. Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2N6284 (NPN); 2N6286, 2N6287 (PNP)
http://onsemi.com
5
Figure 8. DC Current Gain
IC, COLLECTOR CURRENT (AMP)
0.2 0.3
0.5 0.7 1.0
2.0
20
500
300
TJ = 150°C
25
°C
-55
°C
VCE = 3.0 V
200
7.0
NPN
2N6284
PNP
2N6287
20,000
5000
10,000
3000
2000
1000
3.0
5.0
IC, COLLECTOR CURRENT (AMP)
700
500
TJ = 150°C
25
°C
-55
°C
300
30,000
10,000
20,000
5000
3000
1000
7000
700
10
VCE = 3.0 V
0.2 0.3
0.5 0.7 1.0
2.0
20
7.0
3.0
5.0
10
7000
2000
Figure 9. Collector Saturation Region
3.0
IB, BASE CURRENT (mA)
2.6
2.2
1.8
1.4
1.0
3.0
IB, BASE CURRENT (mA)
0.5
1.0
2.0 3.0
5.0 7.0
50
2.6
2.2
1.8
1.4
IC = 5.0 A
10 A
15 A
1.0
0.7
30
20
0.5
1.0
2.0 3.0
5.0 7.0
50
0.7
30
20
IC = 5.0 A
10 A
15 A
10
10
TJ = 25°C
TJ = 25°C
IC, COLLECTOR CURRENT (AMP)
VBE(sat) @ IC/IB = 250
Figure 10. “On” Voltages
IC, COLLECTOR CURRENT (AMP)
VBE(sat) @ IC/IB = 250
VCE(sat) @ IC/IB = 250
TJ = 25°C
VBE @ VCE = 3.0 V
VCE(sat) @ IC/IB = 250
TJ = 25°C
0.2 0.3
0.5 0.7 1.0
2.0
20
7.0
3.0
5.0
3.0
2.5
2.0
1.5
1.0
0.5
3.0
2.5
2.0
1.5
1.0
0.5
10
0.2 0.3
0.5 0.7 1.0
2.0
20
7.0
3.0
5.0
10
VBE @ VCE = 3.0 V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com