Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PPC8572ECVTATLD Datasheet(PDF) 137 Page - Freescale Semiconductor, Inc

Part # PPC8572ECVTATLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572ECVTATLD Datasheet(HTML) 137 Page - Freescale Semiconductor, Inc

Back Button PPC8572ECVTATLD Datasheet HTML 132Page - Freescale Semiconductor, Inc PPC8572ECVTATLD Datasheet HTML 133Page - Freescale Semiconductor, Inc PPC8572ECVTATLD Datasheet HTML 134Page - Freescale Semiconductor, Inc PPC8572ECVTATLD Datasheet HTML 135Page - Freescale Semiconductor, Inc PPC8572ECVTATLD Datasheet HTML 136Page - Freescale Semiconductor, Inc PPC8572ECVTATLD Datasheet HTML 137Page - Freescale Semiconductor, Inc PPC8572ECVTATLD Datasheet HTML 138Page - Freescale Semiconductor, Inc PPC8572ECVTATLD Datasheet HTML 139Page - Freescale Semiconductor, Inc PPC8572ECVTATLD Datasheet HTML 140Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 137 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
137
Document Revision History
Table 87 explains line four of Figure 67.
23 Document Revision History
Table 88 provides a revision history for the MPC8572E hardware specification.
Table 87. Meaning of Last Line of Part Marking
Digit
Description
A
Assembly Site
EOak Hill
QKLM
WL
Lot number
YY
Year assembled
WW
Work week assembled
Table 88. Document Revision History
Rev.
Number
Date
Substantive Change(s)
4
06/2010
• In Section 18.3, “Pinout Listings,” updated Table 75 showing GPINOUT power rail as BVDD.
• Updated Section 14.1, “GPIO DC Electrical Characteristics.”
3
03/2010
• In Section 2.1, “Overall DC Electrical Characteristics,” changed GPIO power from OVDD to BVDD.
•In Section 22.1, “Part Numbers Fully Addressed by this Document,” added Table 85 for Rev 2.1
silicon.
•In Section 22.1, “Part Numbers Fully Addressed by this Document,” updated Table 86 for Rev 1.1.1
silicon.
2
06/2009
• In Section 3, “Power Characteristics,” updated CCB Max to 533MHz for 1200MHz core device in
Table 4, “MPC8572E Power Dissipation.”
•In Section 4.4, “DDR Clock Timing,” changed DDRCLK Max to 100MHz. This change was
announced in Product Bulletin #13572.
• Clarified restrictions in Section 4.5, “Platform to eTSEC FIFO Restrictions.”
•In Table 8, “RESET Initialization Timing Specifications,” added note 2.
• Added Section 14, “GPIO.”
•In Section 18.1, “Package Parameters for the MPC8572E FC-PBGA,” updated material composition
to 63% Sn, 37% Pb.
•In Section 18.2, “Mechanical Dimensions of the MPC8572E FC-PBGA, updated Figure 61 to
correct the package thickness and top view.
•In Section 19.1, “Clock Ranges,” updated CCB Max to 533MHz for 1200MHz core device in
Table 76, “MPC8572E Processor Core Clocking Specifications.”
•In Section 19.5.2, “Minimum Platform Frequency Requirements for High-Speed Interfaces,”
changed minimum CCB clock frequency for proper PCI Express operation.
• Added LPBSE to description of LGPL4/LGTA/LUPWAIT/LPBSE/LFRB signal in Table 75,
“MPC8572E Pinout Listing.”
• Corrected supply voltage for GPIO pins in Table 75, “MPC8572E Pinout Listing.”
• Applied note to SD1_PLL_TPA in Table 75, “MPC8572E Pinout Listing.”
• Updated note regarding MDIC in Table 75, “MPC8572E Pinout Listing.”
• Added note for LAD pins in Table 75, “MPC8572E Pinout Listing.”
• Updated Table 86, “,Part Numbering Nomenclature - Rev 1.1.1” with Rev 2.0 and Rev 2.1 part
number information. Added note indicating that silicon version 2.0 is available for prototype
purposes only and will not be available as a qualified device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com