Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PPC8572ECVTATLD Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # PPC8572ECVTATLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572ECVTATLD Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button PPC8572ECVTATLD Datasheet HTML 7Page - Freescale Semiconductor, Inc PPC8572ECVTATLD Datasheet HTML 8Page - Freescale Semiconductor, Inc PPC8572ECVTATLD Datasheet HTML 9Page - Freescale Semiconductor, Inc PPC8572ECVTATLD Datasheet HTML 10Page - Freescale Semiconductor, Inc PPC8572ECVTATLD Datasheet HTML 11Page - Freescale Semiconductor, Inc PPC8572ECVTATLD Datasheet HTML 12Page - Freescale Semiconductor, Inc PPC8572ECVTATLD Datasheet HTML 13Page - Freescale Semiconductor, Inc PPC8572ECVTATLD Datasheet HTML 14Page - Freescale Semiconductor, Inc PPC8572ECVTATLD Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
11
Electrical Characteristics
2.1
Overall DC Electrical Characteristics
This section covers the ratings, conditions, and other characteristics.
2.1.1
Absolute Maximum Ratings
Table 1 provides the absolute maximum ratings.
Table 1. Absolute Maximum Ratings1
Characteristic
Symbol
Range
Unit Notes
Core supply voltage
VDD
–0.3 to 1.21
V
—
PLL supply voltage
AVDD
–0.3 to 1.21
V
—
Core power supply for SerDes transceivers
SVDD
–0.3 to 1.21
V
—
Pad power supply for SerDes transceivers
XVDD
–0.3 to 1.21
V
—
DDR SDRAM
Controller I/O
supply voltage
DDR2 SDRAM Interface
GVDD
–0.3 to 1.98
V
—
DDR3 SDRAM Interface
–0.3 to 1.65
—
Three-speed Ethernet I/O, FEC management interface, MII
management voltage
LVDD (for eTSEC1
and eTSEC2)
–0.3 to 3.63
–0.3 to 2.75
V2
TVDD (for eTSEC3
and eTSEC4, FEC)
–0.3 to 3.63
–0.3 to 2.75
—2
DUART, system control and power management, I2C, and JTAG
I/O voltage
OVDD
–0.3 to 3.63
V
—
Local bus and GPIO I/O voltage
BVDD
–0.3 to 3.63
–0.3 to 2.75
–0.3 to 1.98
V—
Input voltage
DDR2 and DDR3 SDRAM interface signals
MVIN
–0.3 to (GVDD + 0.3)
V
3
DDR2 and DDR3 SDRAM interface reference
MVREFn
–0.3 to (GVDD/2 + 0.3)
V
—
Three-speed Ethernet signals
LVIN
TVIN
–0.3 to (LVDD + 0.3)
–0.3 to (TVDD + 0.3)
V3
Local bus and GPIO signals
BVIN
–0.3 to (BVDD + 0.3)
—
—
DUART, SYSCLK, system control and power
management, I2C, and JTAG signals
OVIN
–0.3 to (OVDD + 0.3)
V
3
Storage temperature range
TSTG
–55 to 150
°C
—
Notes:
1. Functional operating conditions are given in Table 2. Absolute maximum ratings are stress ratings only, and functional
operation at the maximums is not guaranteed. Stresses beyond those listed may affect device reliability or cause permanent
damage to the device.
2. The 3.63V maximum is only supported when the port is configured in GMII, MII, RMII or TBI modes; otherwise the 2.75V
maximum applies. See Section 8.2, “FIFO, GMII, MII, TBI, RGMII, RMII, and RTBI AC Timing Specifications,” for details on
the recommended operating conditions per protocol.
3. (M,L,O)VIN may overshoot/undershoot to a voltage and for a maximum duration as shown in Figure 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com