Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PPC8572ECVTATLD Datasheet(PDF) 98 Page - Freescale Semiconductor, Inc

Part # PPC8572ECVTATLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572ECVTATLD Datasheet(HTML) 98 Page - Freescale Semiconductor, Inc

Back Button PPC8572ECVTATLD Datasheet HTML 94Page - Freescale Semiconductor, Inc PPC8572ECVTATLD Datasheet HTML 95Page - Freescale Semiconductor, Inc PPC8572ECVTATLD Datasheet HTML 96Page - Freescale Semiconductor, Inc PPC8572ECVTATLD Datasheet HTML 97Page - Freescale Semiconductor, Inc PPC8572ECVTATLD Datasheet HTML 98Page - Freescale Semiconductor, Inc PPC8572ECVTATLD Datasheet HTML 99Page - Freescale Semiconductor, Inc PPC8572ECVTATLD Datasheet HTML 100Page - Freescale Semiconductor, Inc PPC8572ECVTATLD Datasheet HTML 101Page - Freescale Semiconductor, Inc PPC8572ECVTATLD Datasheet HTML 102Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
98
Freescale Semiconductor
Serial RapidIO
17.7
Receiver Eye Diagrams
For each baud rate at which an LP-Serial receiver is specified to operate, the receiver shall meet the
corresponding Bit Error Rate specification (Table 71,Table 72, and Table 73) when the eye pattern of the
receiver test signal (exclusive of sinusoidal jitter) falls entirely within the unshaded portion of the Receiver
Input Compliance Mask shown in Figure 60 with the parameters specified in Table 74. The eye pattern of
the receiver test signal is measured at the input pins of the receiving device with the device replaced with
a 100-
Ω +/– 5% differential resistive load.
Figure 60. Receiver Input Compliance Mask
17.8
Measurement and Test Requirements
Because the LP-Serial electrical specification are guided by the XAUI electrical interface specified in
Clause 47 of IEEE 802.3ae-2002, the measurement and test requirements defined here are similarly guided
Table 74. Receiver Input Compliance Mask Parameters Exclusive of Sinusoidal Jitter
Receiver Type
VDIFFmin (mV) VDIFFmax (mV)
A (UI)
B (UI)
1.25 GBaud
100
800
0.275
0.400
2.5 GBaud
100
800
0.275
0.400
3.125 GBaud
100
800
0.275
0.400
1
0
VDIFF max
-VDIFF max
VDIFF min
-VDIFF min
Time (UI)
0
AB
1-B
1-A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com