Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PPC8572ECVTATLD Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # PPC8572ECVTATLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572ECVTATLD Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button PPC8572ECVTATLD Datasheet HTML 18Page - Freescale Semiconductor, Inc PPC8572ECVTATLD Datasheet HTML 19Page - Freescale Semiconductor, Inc PPC8572ECVTATLD Datasheet HTML 20Page - Freescale Semiconductor, Inc PPC8572ECVTATLD Datasheet HTML 21Page - Freescale Semiconductor, Inc PPC8572ECVTATLD Datasheet HTML 22Page - Freescale Semiconductor, Inc PPC8572ECVTATLD Datasheet HTML 23Page - Freescale Semiconductor, Inc PPC8572ECVTATLD Datasheet HTML 24Page - Freescale Semiconductor, Inc PPC8572ECVTATLD Datasheet HTML 25Page - Freescale Semiconductor, Inc PPC8572ECVTATLD Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
22
Freescale Semiconductor
DDR2 and DDR3 SDRAM Controller
Figure 3 shows the DDR2 and DDR3 SDRAM interface input timing diagram.
Figure 3. DDR2 and DDR3 SDRAM Interface Input Timing Diagram
6.2.2
DDR2 and DDR3 SDRAM Interface Output AC Timing Specifications
Table 17 contains the output AC timing targets for the DDR2 and DDR3 SDRAM interface.
Table 17. DDR2 and DDR3 SDRAM Interface Output AC Timing Specifications
At recommended operating conditions with GVDD of 1.8 V ± 5% for DDR2 or 1.5 V ± 5% for DDR3.
Parameter
Symbol 1
Min
Max
Unit
Notes
MCK[n] cycle time
tMCK
2.5
5
ns
2
ADDR/CMD output setup with respect to MCK
tDDKHAS
ns
3
800 MHz
0.917
—
667 MHz
1.10
—
533 MHz
1.48
—
400 MHz
1.95
—
ADDR/CMD output hold with respect to MCK
tDDKHAX
ns
3
800 MHz
0.917
—
667 MHz
1.10
—
533 MHz
1.48
—
400 MHz
1.95
—
MCS[n] output setup with respect to MCK
tDDKHCS
ns
3
800 MHz
0.917
—
667 MHz
1.10
—
533 MHz
1.48
—
MCK[n]
MCK[n]
tMCK
MDQ[x]
MDQS[n]
tDISKEW
D1
D0
tDISKEW
tDISKEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com