Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PPC8572ECVTATLD Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # PPC8572ECVTATLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572ECVTATLD Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button PPC8572ECVTATLD Datasheet HTML 42Page - Freescale Semiconductor, Inc PPC8572ECVTATLD Datasheet HTML 43Page - Freescale Semiconductor, Inc PPC8572ECVTATLD Datasheet HTML 44Page - Freescale Semiconductor, Inc PPC8572ECVTATLD Datasheet HTML 45Page - Freescale Semiconductor, Inc PPC8572ECVTATLD Datasheet HTML 46Page - Freescale Semiconductor, Inc PPC8572ECVTATLD Datasheet HTML 47Page - Freescale Semiconductor, Inc PPC8572ECVTATLD Datasheet HTML 48Page - Freescale Semiconductor, Inc PPC8572ECVTATLD Datasheet HTML 49Page - Freescale Semiconductor, Inc PPC8572ECVTATLD Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
46
Freescale Semiconductor
Ethernet: Enhanced Three-Speed Ethernet (eTSEC)
Figure 23. SGMII Transmitter DC Measurement Circuit
Table 38 lists the SGMII DC receiver elecetrical characteristics.
Table 38. SGMII DC Receiver Electrical Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Supply Voltage
XVDD_SRDS2
1.045
1.1
1.155
V
—
DC Input voltage range
—
N/A
—
1
Input differential voltage
LSTS = 0
VRX_DIFFp-p
100
—
1200
mV
2, 4
LSTS = 1
175
—
Loss of signal threshold
LSTS = 0
VLOS
30
—
100
mV
3, 4
LSTS = 1
65
—
175
Input AC common mode voltage
VCM_ACp-p
—100
mV
5
Receiver differential input impedance
ZRX_DIFF
80
100
120
Ω
—
Receiver common mode input
impedance
ZRX_CM
20
—
35
Ω
—
Common mode input voltage
VCM
—Vxcorevss
—V
6
Note:
1. Input must be externally AC-coupled.
2. VRX_DIFFp-p is also referred to as peak to peak input differential voltage
3. The concept of this parameter is equivalent to the Electrical Idle Detect Threshold parameter in PCI Express. Refer to
PCI Express Differential Receiver (RX) Input Specifications section for further explanation.
4. The LSTS shown in the table refers to the LSTSAB or LSTSEF bit field of MPC8572E’s SerDes 2 Control Register.
5. VCM_ACp-p is also referred to as peak to peak AC common mode voltage.
6. On-chip termination to SGND_SRDS2 (xcorevss).
50
Ω
Transmitter
SD2_TXn
SD2_TXn
50
Ω
Vos
VOD
MPC8572E SGMII
SerDes Interface
50
Ω
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com