Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PPC8572ECVTATLD Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # PPC8572ECVTATLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572ECVTATLD Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button PPC8572ECVTATLD Datasheet HTML 26Page - Freescale Semiconductor, Inc PPC8572ECVTATLD Datasheet HTML 27Page - Freescale Semiconductor, Inc PPC8572ECVTATLD Datasheet HTML 28Page - Freescale Semiconductor, Inc PPC8572ECVTATLD Datasheet HTML 29Page - Freescale Semiconductor, Inc PPC8572ECVTATLD Datasheet HTML 30Page - Freescale Semiconductor, Inc PPC8572ECVTATLD Datasheet HTML 31Page - Freescale Semiconductor, Inc PPC8572ECVTATLD Datasheet HTML 32Page - Freescale Semiconductor, Inc PPC8572ECVTATLD Datasheet HTML 33Page - Freescale Semiconductor, Inc PPC8572ECVTATLD Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
30
Freescale Semiconductor
Ethernet: Enhanced Three-Speed Ethernet (eTSEC)
8.2
FIFO, GMII, MII, TBI, RGMII, RMII, and RTBI AC Timing
Specifications
The AC timing specifications for FIFO, GMII, MII, TBI, RGMII, RMII and RTBI are presented in this
section.
8.2.1
FIFO AC Specifications
The basis for the AC specifications for the eTSEC’s FIFO modes is the double data rate RGMII and RTBI
specifications, because they have similar performance and are described in a source-synchronous fashion
like FIFO modes. However, the FIFO interface provides deliberate skew between the transmitted data and
source clock in GMII fashion.
When the eTSEC is configured for FIFO modes, all clocks are supplied from external sources to the
relevant eTSEC interface. That is, the transmit clock must be applied to the eTSECn’s TSECn_TX_CLK,
while the receive clock must be applied to pin TSECn_RX_CLK. The eTSEC internally uses the transmit
clock to synchronously generate transmit data and outputs an echoed copy of the transmit clock back on
the TSECn_GTX_CLK pin (while transmit data appears on TSECn_TXD[7:0], for example). It is intended
that external receivers capture eTSEC transmit data using the clock on TSECn_GTX_CLK as a source-
synchronous timing reference. Typically, the clock edge that launched the data can be used, because the
clock is delayed by the eTSEC to allow acceptable set-up margin at the receiver. Note that there is a
relationship between the maximum FIFO speed and the platform (CCB) frequency. For more information
see Section 4.5, “Platform to eTSEC FIFO Restrictions.”
Table 24 and Table 25 summarize the FIFO AC specifications.
Input high current
(VIN = LVDD, VIN = TVDD)
IIH
—10
μA
1, 2,3
Input low current
(VIN = GND)
IIL
–15
—
μA
3
Note:
1 LV
DD supports eTSECs 1 and 2.
2 TV
DD supports eTSECs 3 and 4 or FEC.
3 Note that the symbol V
IN, in this case, represents the LVIN and TVIN symbols referenced in Table 1.
Table 24. FIFO Mode Transmit AC Timing Specification
At recommended operating conditions with LVDD/TVDD of 2.5V ± 5%
Parameter/Condition
Symbol
Min
Typ
Max
Unit
TX_CLK, GTX_CLK clock period1
tFIT
5.3
8.0
100
ns
TX_CLK, GTX_CLK duty cycle
tFITH/tFIT
45
50
55
%
TX_CLK, GTX_CLK peak-to-peak jitter
tFITJ
——
250
ps
Table 23. MII, GMII, RMII, RGMII, TBI, RTBI, and FIFO DC Electrical Characteristics (continued)
Parameters
Symbol
Min
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com