Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PPC8572ECVTATLD Datasheet(PDF) 121 Page - Freescale Semiconductor, Inc

Part # PPC8572ECVTATLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572ECVTATLD Datasheet(HTML) 121 Page - Freescale Semiconductor, Inc

Back Button PPC8572ECVTATLD Datasheet HTML 117Page - Freescale Semiconductor, Inc PPC8572ECVTATLD Datasheet HTML 118Page - Freescale Semiconductor, Inc PPC8572ECVTATLD Datasheet HTML 119Page - Freescale Semiconductor, Inc PPC8572ECVTATLD Datasheet HTML 120Page - Freescale Semiconductor, Inc PPC8572ECVTATLD Datasheet HTML 121Page - Freescale Semiconductor, Inc PPC8572ECVTATLD Datasheet HTML 122Page - Freescale Semiconductor, Inc PPC8572ECVTATLD Datasheet HTML 123Page - Freescale Semiconductor, Inc PPC8572ECVTATLD Datasheet HTML 124Page - Freescale Semiconductor, Inc PPC8572ECVTATLD Datasheet HTML 125Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
121
Clocking
Note that the DDR PLL reference clock input, DDRCLK, is only required in asynchronous mode.
MPC8572E does not support running one DDR controller in synchronous mode and the other in
asynchronous mode.
19.5
Frequency Options
19.5.1
Platform to Sysclk Frequency Options
Table 82 shows the expected frequency values for the platform frequency when using the specified CCB
clock to SYSCLK ratio.
Table 81. DDR Clock Ratio
Binary Value of
TSEC_1588_CLK_OUT,
TSEC_1588_PULSE_OUT1,
TSEC_1588_PULSE_OUT2 Signals
DDR:DDRCLK Ratio
000
3:1
001
4:1
010
6:1
011
8:1
100
10:1
101
12:1
110
14:1
111
Synchronous mode
Table 82. Frequency Options for Platform Frequency
CCB to
SYSCLK Ratio
SYSCLK (MHz)
33.33
41.66
50
66.66
83
100
111
133.33
Platform /CCB Frequency (MHz)
4
400
444
533
5
415
500
555
6
400
498
600
8
400
533
10
417
500
12
400
500
600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com