Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM357-RTR Datasheet(PDF) 95 Page - List of Unclassifed Manufacturers

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTR Datasheet(HTML) 95 Page - List of Unclassifed Manufacturers

Back Button EM357-RTR Datasheet HTML 91Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 92Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 93Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 94Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 95Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 96Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 97Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 98Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 99Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 240 page
background image
EM351 / EM357
8-24
120-035X-000D
Preliminary
SCx_TWICTRL2
SC1_TWICTRL2
TWI Control Register 2
Address: 0x4000C850 Reset: 0x0
SC2_TWICTRL2
TWI Control Register 2
Address: 0x4000C050 Reset: 0x0
31
30
29
28
27
26
25
24
0
0
0
0
0
0
0
0
23
22
21
20
19
18
17
16
0
0
0
0
0
0
0
0
15
14
13
12
11
10
9
8
0
0
0
0
0
0
0
0
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
SC_TWIACK
Bitname
Bitfield
Access
Description
SC_TWIACK
[0]
RW
Setting this bit signals ACK after a received byte. Clearing this bit signals NACK after a
received byte.
8.6
UART - Universal Asynchronous Receiver / Transmitter
The SC1 UART is enabled by writing 1 to SC1_MODE. The SC2 serial controller does not include UART functions.
The UART supports the following features:
Flexible baud rate clock (300 bps to 921.6 kbps)
Data bits (7 or 8)
Parity bits (none, odd, or even)
Stop bits (1 or 2)
False start bit and noise filtering
Receive and transmit FIFOs
Optional RTS/CTS flow control
Receive and transmit DMA channels
8.6.1
GPIO Usage
The UART uses two signals to transmit and receive serial data:
TXD (Transmitted Data) – serial data sent by the EM35x
RXD (Received Data) – serial data received by the EM35x
If RTS/CTS flow control is enabled, these two signals are also used:
nRTS (Request To Send) – indicates the EM35x is able to receive data
nCTS (Clear To Send) – inhibits sending data from the EM35x if not asserted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com