Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM357-RTR Datasheet(PDF) 93 Page - List of Unclassifed Manufacturers

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTR Datasheet(HTML) 93 Page - List of Unclassifed Manufacturers

Back Button EM357-RTR Datasheet HTML 89Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 90Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 91Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 92Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 93Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 94Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 95Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 96Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 97Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 240 page
background image
EM351 / EM357
8-22
120-035X-000D
Preliminary
Character transmitted (0 to 1 transition of SC_TWITXFIN)
Character received (0 to 1 transition of SC_TWIRXFIN)
Received and lost character while receive FIFO was full (receive overrun error)
Transmitted character while transmit FIFO was empty (transmit underrun error)
To enable CPU interrupts, set the desired interrupt bits in the second-level INT_SCxCFG register, and enable
the top-level SCx interrupt in the NVIC by writing the INT_SCx bit in the INT_CFGSET register.
8.5.5
Registers
Refer to Registers (in the SPI Master Mode section) for a description of the SCx_DATA, SCx_RATELIN, and
SCx_RATEEXP registers.
SCx_TWISTAT
SC1_TWISTAT
TWI Status Register
Address: 0x4000C844 Reset: 0x0
SC2_TWISTAT
TWI Status Register
Address: 0x4000C044 Reset: 0x0
31
30
29
28
27
26
25
24
0
0
0
0
0
0
0
0
23
22
21
20
19
18
17
16
0
0
0
0
0
0
0
0
15
14
13
12
11
10
9
8
0
0
0
0
0
0
0
0
7
6
5
4
3
2
1
0
0
0
0
0
SC_TWICMDFIN
SC_TWIRXFIN
SC_TWITXFIN
SC_TWIRXNAK
Bitname
Bitfield
Access
Description
SC_TWICMDFIN
[3]
R
This bit is set when a START or STOP command completes. It clears on the next TWI bus
activity.
SC_TWIRXFIN
[2]
R
This bit is set when a byte is received. It clears on the next TWI bus activity.
SC_TWITXFIN
[1]
R
This bit is set when a byte is transmitted. It clears on the next TWI bus activity.
SC_TWIRXNAK
[0]
R
This bit is set when a NACK is received from the slave. It clears on the next TWI bus
activity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com