Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM357-RTR Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTR Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button EM357-RTR Datasheet HTML 27Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 28Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 29Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 30Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 31Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 32Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 33Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 34Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 240 page
background image
EM351 / EM357
5.2.1
Flash Memory
5.2.1.1
Flash Overview
The EM351 provides a total of 132 kB of flash memory and the EM357 provides a total of 196 kB of flash
memory. The flash memory is provided in three separate blocks:
Main Flash Block (MFB)
Fixed Information Block (FIB)
Customer Information Block (CIB)
The MFB is divided into 2048-byte pages. The EM351 has 64 pages and the EM357 has 96 pages. The CIB is a
single 2048-byte page. The FIB is a single 2048-byte page. The smallest erasable unit is one page and the
smallest writable unit is an aligned 16-bit half-word. The flash is rated to have a guaranteed 20,000
write/erase cycles. The flash cell has been qualified for a data retention time of >100 years at room
temperature.
Flash may be programmed either through the Serial Wire/JTAG interface or through bootloader software.
Programming flash through Serial Wire/JTAG requires the assistance of RAM-based utility code. Programming
through a bootloader requires Ember software for over-the-air loading or serial link loading. A simplified,
serial-link-only bootloader is also available preprogrammed into the FIB.
5.2.1.2
Main Flash Block
The start of the MFB is mapped to both address 0x00000000 and address 0x08000000 in normal boot mode, but
is mapped only to address 0x08000000 in serial-link-only bootload mode (see also section 7.5, Boot
Configuration in Chapter 7, GPIO). Consequently, it is recommended that software intended to execute from
the MFB is designed to operate from the upper address, 0x08000000, since this address mapping is always
available in all modes.
The MFB stores all program instructions and constant data. A small portion of the MFB is devoted to non-
volatile token storage using Ember’s Simulated EEPROM system.
5.2.1.3
Fixed Information Block
The 2 kB FIB is used to store fixed manufacturing data including serial numbers and calibration values. The
start of the FIB is mapped to address 0x08040000. This block can only be programmed during production by
Ember.
The FIB also contains a small, serial-link-only bootloader. In serial bootload mode, the start of the FIB is
mapped to both address 0x00000000 and address 0x08040000 so the bootloader may be executed out of reset.
5.2.1.4
Customer Information Block
The 2048 byte CIB can be used to store customer data. The start of the CIB is mapped to address 0x08040800.
The CIB cannot be executed.
The first eight half-words of the CIB are dedicated to special storage called option bytes. An option byte is a
16 bit quantity of flash where the lower 8 bits contain the data and the upper 8 contain the inverse of the
lower 8 bits. The upper 8 bits are automatically generated by hardware and cannot be written to by the user,
see Table 5-1.
The option byte hardware also verifies the inverse of each option byte when exiting from reset and generates
an error, which prevents the CPU from executing code, if a discrepancy is found. All of this is transparent to
the user.
5-4
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com