Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM357-RTR Datasheet(PDF) 219 Page - List of Unclassifed Manufacturers

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTR Datasheet(HTML) 219 Page - List of Unclassifed Manufacturers

Back Button EM357-RTR Datasheet HTML 215Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 216Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 217Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 218Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 219Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 220Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 221Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 222Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 223Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 240 page
background image
EM351 / EM357
17 Serial Wire and JTAG (SWJ) Interface
The EM35x includes a standard Serial Wire and JTAG (SWJ) Interface. The SWJ is the primary debug and
programming interface of the EM35x. The SWJ gives debug tools access to the internal buses of the EM35x,
and allows for non-intrusive memory and register access as well as CPU halt-step style debugging. Therefore,
any design implementing the EM35x should make the SWJ signals readily available.
Serial Wire is an ARM® standard, bi-directional, two-wire protocol designed to replace JTAG, and provides all
the normal JTAG debug and test functionality. JTAG is a standard five-wire protocol providing debug and test
functionality. In addition, the two Serial Wire signals (SWDIO and SWCLK) are overlaid on two of the JTAG
signals (JTMS and JTCK). This keeps the design compact and allows debug tools to switch between Serial Wire
and JTAG as needed, without changing pin connections.
While Serial Wire and JTAG offer the same debug and test functionality, Ember recommends Serial Wire.
Serial Wire uses only two pins instead of five, and offers a simple communication protocol, high performance
data rates, low power, built-in error detection, and protection from glitches.
The ARM® CoreSightTM Debug Access Port (DAP) comprises the Serial Wire and JTAG Interface (SWJ). As
illustrated in Figure 17-1, the DAP includes two primary components: a debug port (the SWJ-DP) and an access
port (the AHB-AP). The SWJ-DP provides external debug access, while the AHB-AP provides internal bus
access. An external debug tool connected to the EM35x’s debug pins communicates with the SWJ-DP. The
SWJ-DP then communicates with the AHB-AP. Finally, the AHB-AP communicates on the internal bus.
Figure 17-1. SWJ Block Diagram
SWJ-DP
SWJ-DP
select
SWJ-DAP
SW
interface
JTAG
interface
Control and
AP interface
pins
AHB-AP
AHB
Serial Wire and JTAG share five pins:
JRST
JTDO
JTDI
SWDIO/JTMS
SWCLK/JTCK
Note:
The SWJ pins are forced functions, and their corresponding GPIO_PxCFGH/L configurations are
overridden when the EM35x resets. An application must disable all debug SWJ debug functionality to reclaim
any of the four SWJ GPIOs: PC0, PC2, PC3, and PC4.
Since these pins can be repurposed, refer to Chapter 1, Pin Assignments, and Section 7.3, Forced Functions, in
Chapter 7, GPIO, for complete pin descriptions and configurations.
For further information on the SWJ, contact Ember support for Application Notes and ARM® CoreSightTM
documentation.
17-1
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com