Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM357-RTR Datasheet(PDF) 192 Page - List of Unclassifed Manufacturers

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTR Datasheet(HTML) 192 Page - List of Unclassifed Manufacturers

Back Button EM357-RTR Datasheet HTML 188Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 189Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 190Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 191Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 192Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 193Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 194Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 195Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 196Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 240 page
background image
EM351 / EM357
ADC_DMACFG
ADC DMA Configuration Register
Address: 0x4000D010 Reset: 0x0
31
30
29
28
27
26
25
24
0
0
0
0
0
0
0
0
23
22
21
20
19
18
17
16
0
0
0
0
0
0
0
0
15
14
13
12
11
10
9
8
0
0
0
0
0
0
0
0
7
6
5
4
3
2
1
0
0
0
0
ADC_DMARST
0
0
ADC_DMAAUTOWRA
P
ADC_DMALOAD
Bitname
Bitfield
Access
Description
ADC_DMARST
[4]
W
Write 1 to reset the ADC DMA. This bit auto-clears.
ADC_DMAAUTOWRAP
[1]
RW
Selects DMA mode.
0: Linear mode, the DMA stops when the buffer is full.
1: Auto-wrap mode, the DMA output wraps back to the start when the buffer is full.
ADC_DMALOAD
[0]
RW
Loads the DMA buffer.
Write 1 to start DMA (writing 0 has no effect). Cleared when DMA starts or is reset.
10-17
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com