Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM357-RTR Datasheet(PDF) 133 Page - List of Unclassifed Manufacturers

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTR Datasheet(HTML) 133 Page - List of Unclassifed Manufacturers

Back Button EM357-RTR Datasheet HTML 129Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 130Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 131Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 132Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 133Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 134Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 135Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 136Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 137Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 240 page
background image
EM351 / EM357
Figure 9-18. Capture/Compare Channel 1 Main Circuit
Figure 9-19 show details of the output stage of a capture/compare channel.
Figure 9-19. Output Stage of Capture/Compare Channel (Channel 1)
The capture/compare block is made of a buffer register and a shadow register. Writes and reads always access
the buffer register.
In capture mode, captures are first written to the shadow register, then copied into the buffer register.
In compare mode, the content of the buffer register is copied into the shadow register which is compared to
the counter.
9.3.5
Input Capture Mode
In input capture mode, a capture/compare register (TIMx_CCRy) latches the value of the counter after a
transition is detected by the corresponding ICy signal. When a capture occurs, the corresponding INT_TIMCCyIF
flag in the INT_TIMxFLAG register is set, and an interrupt request is sent if enabled.
9-13
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com