Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM357-RTR Datasheet(PDF) 123 Page - List of Unclassifed Manufacturers

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTR Datasheet(HTML) 123 Page - List of Unclassifed Manufacturers

Back Button EM357-RTR Datasheet HTML 119Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 120Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 121Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 122Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 123Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 124Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 125Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 126Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 127Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 240 page
background image
EM351 / EM357
9.2 GPIO Usage
The timers can optionally use GPIOs in the PA and PB ports for external inputs or outputs. As with all EM35x
digital inputs, a GPIO used as a timer input can be shared with other uses of the same pin. Available timer
inputs include an external timer clock, a clock mask, and four input channels. Any GPIO used as a timer output
must be configured as an alternate output and is controlled only by the timer.
Many of the GPIOs that can be assigned as timer outputs can also be used by another on-chip peripheral such
as a serial controller. Using a GPIO as a timer output takes precedence over another peripheral function, as
long as the channel is configured as an output in the TIMx_CCMR1 register and is enabled in the TIMx_CCER
register.
The GPIOs that can be used by Timer 1 are fixed, but the GPIOs that can be used as Timer 2 channels can be
mapped to either of two pins, as shown in Table 9-1. The Timer 2 Option Register (TIM2_OR) has four single
bit fields (TIM_REMAPCy) that control whether a Timer 2 channel is mapped to its default GPIO in port PA, or
remapped to a GPIO in PB.
Table 9-1 specifies the pins that may be assigned to Timer 1 and Timer 2 functions.
Table 9-1. Timer GPIO Usage
Signal
(direction)
TIMxC1
(in or out)
TIMxC2
(in or out)
TIMxC3
(in or out)
TIMxC4
(in or out)
TIMxCLK
(in)
TIMxMSK
(in)
Timer 1
PB6
PB7
PA6
PA7
PB0
PB5
Timer 2
(TIM_REMAPCy = 0)
PA0
PA3
PA1
PA2
PB5
PB0
Timer 2
(TIM_REMAPCy = 1)
PB1
PB2
PB3
PB4
PB5
PB0
The TIMxCLK and TIMxMSK inputs can be used only in the external clock modes: refer to the External Clock
Source Mode 1 and External Clock Source Mode 2 sections for details concerning their use.
9.3 Timer Functional Description
9.3.1
Time-Base Unit
The main block of the general purpose timer is a 16-bit counter with its related auto-reload register. The
counter can count up, down, or alternate up and down. The counter clock can be divided by a prescaler.
The counter, the auto-reload register, and the prescaler register can be written to or read by software. This is
true even when the counter is running.
The time-base unit includes:
Counter Register (TIMx_CNT)
Prescaler Register (TIMx_PSC):
Auto-Reload Register (TIMx_ARR)
Some timer registers cannot be directly accessed by software, which instead reads and writes a “buffer
register”. The internal registers actually used for timer operations are called “shadow registers”.
The auto-reload register is buffered. Writing to or reading from the auto-reload register accesses the buffer
register. The contents of the buffer register are transferred into the shadow register permanently or at each
9-3
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com