| Electronic Components Datasheet Search |
|
EM357-RTR Datasheet(PDF) 105 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
EM357-RTR Datasheet(HTML) 105 Page - List of Unclassifed Manufacturers |
|
105 / 240 page ![]() EM351 / EM357 8-34 120-035X-000D Preliminary 8.7.1 Registers SCx_DMACTRL SC1_DMACTRL Serial DMA Control Register Address: 0x4000C830 Reset: 0x0 SC2_DMACTRL Serial DMA Control Register Address: 0x4000C030 Reset: 0x0 31 30 29 28 27 26 25 24 0 0 0 0 0 0 0 0 23 22 21 20 19 18 17 16 0 0 0 0 0 0 0 0 15 14 13 12 11 10 9 8 0 0 0 0 0 0 0 0 7 6 5 4 3 2 1 0 0 0 SC_TXDMARST SC_RXDMARST SC_TXLODB SC_TXLODA SC_RXLODB SC_RXLODA Bitname Bitfield Access Description SC_TXDMARST [5] W Setting this bit resets the transmit DMA. The bit clears automatically. SC_RXDMARST [4] W Setting this bit resets the receive DMA. The bit clears automatically. SC_TXLODB [3] RW Setting this bit loads DMA transmit buffer B addresses and allows the DMA controller to start processing transmit buffer B. If both buffer A and B are loaded simultaneously, buffer A will be used first. This bit is cleared when DMA completes. Writing a zero to this bit has no effect. Reading this bit returns DMA buffer status: 0: DMA processing is complete or idle. 1: DMA processing is active or pending. SC_TXLODA [2] RW Setting this bit loads DMA transmit buffer A addresses and allows the DMA controller to start processing transmit buffer A. If both buffer A and B are loaded simultaneously, buffer A will be used first. This bit is cleared when DMA completes. Writing a zero to this bit has no effect. Reading this bit returns DMA buffer status: 0: DMA processing is complete or idle. 1: DMA processing is active or pending. SC_RXLODB [1] RW Setting this bit loads DMA receive buffer B addresses and allows the DMA controller to start processing receive buffer B. If both buffer A and B are loaded simultaneously, buffer A will be used first. This bit is cleared when DMA completes. Writing a zero to this bit has no effect. Reading this bit returns DMA buffer status: 0: DMA processing is complete or idle. 1: DMA processing is active or pending. SC_RXLODA [0] RW Setting this bit loads DMA receive buffer A addresses and allows the DMA controller to start processing receive buffer A. If both buffer A and B are loaded simultaneously, buffer A will be used first. This bit is cleared when DMA completes. Writing a zero to this bit has no effect. Reading this bit returns DMA buffer status: 0: DMA processing is complete or idle. 1: DMA processing is active or pending. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |