Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/13 Datasheet(PDF) 222 Page - Renesas Technology Corp

Part # R8C/13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/13 Datasheet(HTML) 222 Page - Renesas Technology Corp

Back Button R8C/13 Datasheet HTML 216Page - Renesas Technology Corp R8C/13 Datasheet HTML 217Page - Renesas Technology Corp R8C/13 Datasheet HTML 218Page - Renesas Technology Corp R8C/13 Datasheet HTML 219Page - Renesas Technology Corp R8C/13 Datasheet HTML 220Page - Renesas Technology Corp R8C/13 Datasheet HTML 221Page - Renesas Technology Corp R8C/13 Datasheet HTML 222Page - Renesas Technology Corp R8C/13 Datasheet HTML 223Page - Renesas Technology Corp R8C/13 Datasheet HTML 224Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 222 / 224 page
background image
REVISION HISTORY
Rev.
Date
Description
Page
Summary
R8C/13 Group Hardware Manual
C-6
1.20 Jan.27.2006
166
17.2 Memory Map;
“The user ROM ... Block B, in...area which ...”
→
“The user ROM ... Block B (data flash), in...area (program ROM) which ...” revised
Figure 17.1 Flash Memory Block Diagram revised
171
Figure 17.3 FMR0 Register; NOTES: 7 added
172
Figure 17.4 FMR1 Register and FMR4 Register;
Flash memory control register 4 NOTES: 2 “Other than this period, this bit is set to
“0 ”.” revised
178
Figure 17.11 Block Erase Flow Chart (When Using Erase-suspend Function);
“Write ‘D016’ to the uppermost block address”
→
“Write ‘D016’ to the any block address” revised
181
Figure 17.12 Full Status Check and Handling Procedure for Each Error revised
183
Table 17.7 Pin Functions (Flash Memory Standard Serial I/O Mode);
____________
RESET: revised
187
19.1.1 Stop Mode;
“Use the next program to enter stop mode.” added
“• Example of entering stop mode”
→ “• Program of entering stop mode” revised
“Program Example” deleted
191
19.3.1 Oscillation Stop Detection Function
“Since the oscillation stop ... is 2 MHz or below, ...”
→
“Since the oscillation stop ... is below 2 MHz, ...” revised
201
Appendix figure 2.2 Connecting examples with M16C Flash Starter (M3A-0806);
NOTES: 1 revised
Pulled up added



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com